Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 190 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 190 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 186Page - Microchip Technology MEC1322 Datasheet HTML 187Page - Microchip Technology MEC1322 Datasheet HTML 188Page - Microchip Technology MEC1322 Datasheet HTML 189Page - Microchip Technology MEC1322 Datasheet HTML 190Page - Microchip Technology MEC1322 Datasheet HTML 191Page - Microchip Technology MEC1322 Datasheet HTML 192Page - Microchip Technology MEC1322 Datasheet HTML 193Page - Microchip Technology MEC1322 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 456 page
background image
MEC1322
DS00001719D-page 190
 2014 - 2015 Microchip Technology Inc.
14.11.11 MODEM STATUS REGISTER
3 FRAME_ERROR
Framing Error. Bit 3 indicates that the received character did not
have a valid stop bit. Bit 3 is set to a logic “1” whenever the stop bit
following the last data bit or parity bit is detected as a zero bit
(Spacing level). This bit is reset to a logic “0” whenever the Line
Status Register is read. In the FIFO mode this error is associated
with the particular character in the FIFO it applies to. This error is
indicated when the associated character is at the top of the FIFO.
The Serial Port will try to resynchronize after a framing error. To do
this, it assumes that the framing error was due to the next start bit,
so it samples this 'start' bit twice and then takes in the 'data'.
R0h
RESET
2 PARITY ERROR
Parity Error. Bit 2 indicates that the received data character does
not have the correct even or odd parity, as selected by the even
parity select bit. This bit is set to a logic “1” upon detection of a
parity error and is reset to a logic “0” whenever the Line Status
Register is read. In the FIFO mode this error is associated with the
particular character in the FIFO it applies to. This error is indicated
when the associated character is at the top of the FIFO.
R0h
RESET
1 OVERRUN_ERROR
Overrun Error. Bit 1 indicates that data in the Receiver Buffer Reg-
ister was not read before the next character was transferred into
the register, thereby destroying the previous character. In FIFO
mode, an overrun error will occur only when the FIFO is full and
the next character has been completely received in the shift regis-
ter, the character in the shift register is overwritten but not trans-
ferred to the FIFO. This bit is set to a logic “1” immediately upon
detection of an overrun condition, and reset whenever the Line
Status Register is read.
R0h
RESET
0 DATA_READY
Data Ready. It is set to a logic ‘1’ whenever a complete incoming
character has been received and transferred into the Receiver
Buffer Register or the FIFO. Bit 0 is reset to a logic ‘0’ by reading
all of the data in the Receive Buffer Register or the FIFO.
R0h
RESET
Offset
06h
Bits
Description
Type
Default
Reset
Event
7 DCD
This bit is the complement of the Data Carrier Detect (nDCD) input.
If bit 4 of the MCR is set to logic ‘1’, this bit is equivalent to OUT2 in
the MCR.
R0h
RESET
6RI#
This bit is the complement of the Ring Indicator (nRI) input. If bit 4 of
the MCR is set to logic ‘1’, this bit is equivalent to OUT1 in the MCR.
R0h
RESET
Offset
05h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com