Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 191 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 191 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 187Page - Microchip Technology MEC1322 Datasheet HTML 188Page - Microchip Technology MEC1322 Datasheet HTML 189Page - Microchip Technology MEC1322 Datasheet HTML 190Page - Microchip Technology MEC1322 Datasheet HTML 191Page - Microchip Technology MEC1322 Datasheet HTML 192Page - Microchip Technology MEC1322 Datasheet HTML 193Page - Microchip Technology MEC1322 Datasheet HTML 194Page - Microchip Technology MEC1322 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 191
MEC1322
14.11.12 SCRATCHPAD REGISTER
5DSR
This bit is the complement of the Data Set Ready (nDSR) input. If bit
4 of the MCR is set to logic ‘1’, this bit is equivalent to DTR in the
MCR.
R0h
RESET
4CTS
This bit is the complement of the Clear To Send (nCTS) input. If bit 4
of the MCR is set to logic ‘1’, this bit is equivalent to nRTS in the
MCR.
R0h
RESET
3 DCD
Delta Data Carrier Detect (DDCD). Bit 3 indicates that the nDCD
input to the chip has changed state.
NOTE: Whenever bit 0, 1, 2, or 3 is set to a logic ‘1’, a MODEM Sta-
tus Interrupt is generated.
R0h
RESET
2RI
Trailing Edge of Ring Indicator (TERI). Bit 2 indicates that the nRI
input has changed from logic ‘0’ to logic ‘1’.
R0h
RESET
1DSR
Delta Data Set Ready (DDSR). Bit 1 indicates that the nDSR input
has changed state since the last time the MSR was read.
R0h
RESET
0CTS
Delta Clear To Send (DCTS). Bit 0 indicates that the nCTS input to
the chip has changed state since the last time the MSR was read.
R0h
RESET
Note:
The Modem Status Register (MSR) only provides the current state of the UART MODEM control lines in
Loopback Mode. The MEC1322 does not support external connections for the MODEM Control inputs
(nCTS, nDSR, nRI and nDCD) or for the four MODEM Control outputs (nDTR, nRTS, OUT1 and OUT2).
Offset
07h
Bits
Description
Type
Default
Reset
Event
7:0 SCRATCH
This 8 bit read/write register has no effect on the operation of the
Serial Port. It is intended as a scratchpad register to be used by the
programmer to hold data temporarily.
R/W
0h
RESET
Offset
06h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com