Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 194 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 194 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 190Page - Microchip Technology MEC1322 Datasheet HTML 191Page - Microchip Technology MEC1322 Datasheet HTML 192Page - Microchip Technology MEC1322 Datasheet HTML 193Page - Microchip Technology MEC1322 Datasheet HTML 194Page - Microchip Technology MEC1322 Datasheet HTML 195Page - Microchip Technology MEC1322 Datasheet HTML 196Page - Microchip Technology MEC1322 Datasheet HTML 197Page - Microchip Technology MEC1322 Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 456 page
background image
MEC1322
DS00001719D-page 194
 2014 - 2015 Microchip Technology Inc.
FIGURE 15-2:
INTERRUPT STRUCTURE
15.8.1
WAKE GENERATION
The EC Interrupt Aggregator notifies the Chip Power Management Features to wake the system when it detects a wake
capable event has occurred. This logic requires no clocks.
The interrupt sources AND’ed with the corresponding Enable bit will be OR’ed to produce a wake event
The wake up sources are identified with a “Y” in the “WAKE” column of the Bit definitions table for each IRQ’s Source
Register.
15.8.1.1
Configuring Wake Interrupts
All GPIO inputs are wake-capable. In order for a GPIO input to wake the MEC1322 from a sleep state, the Interrupt
Detection field of the GPIO Pin Control Register must be set to Rising Edge Triggered, Falling Edge Triggered, or Either
Edge Triggered. If the Interrupt Detection field is set to any other value, a GPIO input will not trigger a wake interrupt.
Some of the Wake Capable Interrupts are triggered by activity on pins that are shared with a GPIO. These interrupts will
only trigger a wake if the Interrupt Detection field of the corresponding GPIO Pin Control Register is set to Rising Edge
Triggered, Falling Edge Triggered, or Either Edge Triggered.
APPLICATION NOTE:
Neither LPC accesses nor JTAG debug accesses are wake capable. In order to enable LPC
transactions to MEC1322 Logical Devices while the MEC1322 is in a Sleep mode in which
the main oscillator is shut off, just before entering sleep EC firmware must enable an interrupt
on the falling edge of the GPIO associated with the LFRAME# input. When responding to
this LFRAME/GPIO interrupt EC firmware should disable the LFRAME/GPIO interrupt until
firmware determines that it is again appropriate to enter a Deep Sleep mode. Similarly, EC
SOURCE0
ENABLE0
Int source
Int enable
SOURCE1
SOURCEn
..
.
ENABLE1
ENABLEn
..
.
..
.
..
.
..
.
Interrupt
from block
NVIC
Inputs for
blocks
GIRQx
Block Enable
NVIC
Input for
GIRQx
Bit x
..
.
Interrupt
from block
Interrupt
from block
NVIC_EN
result
To Wake
Interface
..
.
..
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com