Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 188 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 188 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 184Page - Microchip Technology MEC1322 Datasheet HTML 185Page - Microchip Technology MEC1322 Datasheet HTML 186Page - Microchip Technology MEC1322 Datasheet HTML 187Page - Microchip Technology MEC1322 Datasheet HTML 188Page - Microchip Technology MEC1322 Datasheet HTML 189Page - Microchip Technology MEC1322 Datasheet HTML 190Page - Microchip Technology MEC1322 Datasheet HTML 191Page - Microchip Technology MEC1322 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 456 page
background image
MEC1322
DS00001719D-page 188
 2014 - 2015 Microchip Technology Inc.
The Start, Stop and Parity bits are not included in the word length.
14.11.9
MODEM CONTROL REGISTER
Note:
The receiver will ignore all stop bits beyond the first, regardless of the number used in transmitting.
TABLE 14-15: SERIAL CHARACTER
Bit 1
Bit 0
Word Length
0
0
1
1
0
1
0
1
5 Bits
6 Bits
7 Bits
8 Bits
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:5 Reserved
R
-
-
4 LOOPBACK
This bit provides the loopback feature for diagnostic testing of the
Serial Port. When bit 4 is set to logic “1”, the following occur:
1.
The TXD is set to the Marking State (logic “1”).
2.
The receiver Serial Input (RXD) is disconnected.
3.
The output of the Transmitter Shift Register is “looped back”
into the Receiver Shift Register input.
4.
All MODEM Control inputs (nCTS, nDSR, nRI and nDCD) are
disconnected.
5.
The four MODEM Control outputs (nDTR, nRTS, OUT1 and
OUT2) are internally connected to the four MODEM Control
inputs (nDSR, nCTS, RI, DCD).
6.
The Modem Control output pins are forced inactive high.
7.
Data that is transmitted is immediately received.
This feature allows the processor to verify the transmit and receive
data paths of the Serial Port. In the diagnostic mode, the receiver
and the transmitter interrupts are fully operational. The MODEM
Control Interrupts are also operational but the interrupts' sources are
now the lower four bits of the MODEM Control Register instead of
the MODEM Control inputs. The interrupts are still controlled by the
Interrupt Enable Register.
R/W
0h
RESET
3OUT2
Output 2 (OUT2). This bit is used to enable an UART interrupt.
When OUT2 is a logic “0”, the serial port interrupt output is forced to
a high impedance state - disabled. When OUT2 is a logic “1”, the
serial port interrupt outputs are enabled.
R/W
0h
RESET
2OUT1
This bit controls the Output 1 (OUT1) bit. This bit does not have an
output pin and can only be read or written by the CPU.
R/W
0h
RESET
1RTS
This bit controls the Request To Send (nRTS) output. Bit 1 affects
the nRTS output in a manner identical to that described above for bit
0.
R/W
0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com