Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 184 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 184 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 180Page - Microchip Technology MEC1322 Datasheet HTML 181Page - Microchip Technology MEC1322 Datasheet HTML 182Page - Microchip Technology MEC1322 Datasheet HTML 183Page - Microchip Technology MEC1322 Datasheet HTML 184Page - Microchip Technology MEC1322 Datasheet HTML 185Page - Microchip Technology MEC1322 Datasheet HTML 186Page - Microchip Technology MEC1322 Datasheet HTML 187Page - Microchip Technology MEC1322 Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 456 page
background image
MEC1322
DS00001719D-page 184
 2014 - 2015 Microchip Technology Inc.
14.11.5
INTERRUPT ENABLE REGISTER
The lower four bits of this register control the enables of the five interrupt sources of the Serial Port interrupt. It is possible
to totally disable the interrupt system by resetting bits 0 through 3 of this register. Similarly, setting the appropriate bits
of this register to a high, selected interrupts can be enabled. Disabling the interrupt system inhibits the Interrupt Identi-
fication Register and disables any Serial Port interrupt out of the MEC1322. All other system functions operate in their
normal manner, including the Line Status and MODEM Status Registers. The contents of the Interrupt Enable Register
are described below.
14.11.6
FIFO CONTROL REGISTER
This is a write only register at the same location as the Interrupt Identification Register.
Offset
01h (DLAB=0)
Bits
Description
Type
Default
Reset
Event
7:4 Reserved
R
-
-
3EMSI
This bit enables the MODEM Status Interrupt when set to logic “1”.
This is caused when one of the Modem Status Register bits changes
state.
R/W
0h
RESET
2ELSI
This bit enables the Received Line Status Interrupt when set to logic
“1”. The error sources causing the interrupt are Overrun, Parity,
Framing and Break. The Line Status Register must be read to deter-
mine the source.
R/W
0h
RESET
1ETHREI
This bit enables the Transmitter Holding Register Empty Interrupt
when set to logic “1”.
R/W
0h
RESET
0 ERDAI
This bit enables the Received Data Available Interrupt (and timeout
interrupts in the FIFO mode) when set to logic “1”.
R/W
0h
RESET
Note:
DMA is not supported.
Offset
02h
Bits
Description
Type
Default
Reset
Event
7:6 RECV_FIFO_TRIGGER_LEVEL
These bits are used to set the trigger level for the RCVR FIFO inter-
rupt.
W0h
RESET
5:4 Reserved
R
-
-
3 DMA_MODE_SELECT
Writing to this bit has no effect on the operation of the UART. The
RXRDY and TXRDY pins are not available on this chip.
W0h
RESET
2 CLEAR_XMIT_FIFO
Setting this bit to a logic “1” clears all bytes in the XMIT FIFO and
resets its counter logic to “0”. The shift register is not cleared. This
bit is self-clearing.
W0h
RESET
1 CLEAR_RECv_FIFO
Setting this bit to a logic “1” clears all bytes in the RCVR FIFO and
resets its counter logic to “0”. The shift register is not cleared. This
bit is self-clearing.
W0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com