Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 186 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 186 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 182Page - Microchip Technology MEC1322 Datasheet HTML 183Page - Microchip Technology MEC1322 Datasheet HTML 184Page - Microchip Technology MEC1322 Datasheet HTML 185Page - Microchip Technology MEC1322 Datasheet HTML 186Page - Microchip Technology MEC1322 Datasheet HTML 187Page - Microchip Technology MEC1322 Datasheet HTML 188Page - Microchip Technology MEC1322 Datasheet HTML 189Page - Microchip Technology MEC1322 Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 456 page
background image
MEC1322
DS00001719D-page 186
 2014 - 2015 Microchip Technology Inc.
0 IPEND
This bit can be used in either a hardwired prioritized or polled envi-
ronment to indicate whether an interrupt is pending. When bit 0 is a
logic ‘0’ an interrupt is pending and the contents of the IIR may be
used as a pointer to the appropriate internal service routine. When
bit 0 is a logic ‘1’ no interrupt is pending.
R1h
RESET
TABLE 14-13: INTERRUPT CONTROL TABLE
FIFO
Mode
Only
Interrupt Identification
Register
Interrupt SET and RESET Functions
Bit 3
Bit 2
Bit 1
Bit 0
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset
Control
0
0
0
1
-
None
None
-
1
1
0
Highest
Receiver Line Sta-
tus
Overrun Error, Par-
ity Error, Framing
Error or Break
Interrupt
Reading the Line
Status Register
0
Second
Received Data
Available
Receiver Data
Available
Read Receiver Buf-
fer or the FIFO
drops below the
trigger level.
1
Character Timeout
Indication
No Characters
Have Been
Removed From or
Input to the RCVR
FIFO during the
last 4 Char times
and there is at least
1 char in it during
this time
Reading the
Receiver Buffer
Register
0
0
1
Third
Transmitter Hold-
ing Register Empty
Transmitter Hold-
ing Register Empty
Reading the IIR
Register (if Source
of Interrupt) or Writ-
ing the Transmitter
Holding Register
0
0
Fourth
MODEM Status
Clear to Send or
Data Set Ready or
Ring Indicator or
Data Carrier Detect
Reading the
MODEM Status
Register
Offset
02h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com