Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 180 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 180 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 176Page - Microchip Technology MEC1322 Datasheet HTML 177Page - Microchip Technology MEC1322 Datasheet HTML 178Page - Microchip Technology MEC1322 Datasheet HTML 179Page - Microchip Technology MEC1322 Datasheet HTML 180Page - Microchip Technology MEC1322 Datasheet HTML 181Page - Microchip Technology MEC1322 Datasheet HTML 182Page - Microchip Technology MEC1322 Datasheet HTML 183Page - Microchip Technology MEC1322 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 456 page
background image
MEC1322
DS00001719D-page 180
 2014 - 2015 Microchip Technology Inc.
capable of supporting the MIDI data rate. Refer to the Configuration Registers for information on disabling, powering
down and changing the base address of the UART. The UART interrupt is enabled by programming OUT2 of the UART
to logic “1.” Because OUT2 is logic “0,” it disables the UART's interrupt. The UART is accessible by both the Host and
the EC.
14.9.1
PROGRAMMABLE BAUD RATE
The Serial Port contains a programmable Baud Rate Generator that is capable of dividing the internal clock source by
any divisor from 1 to 65535. The clock source is either the 1.8432MHz_Clk clock source or the 24MHz_Clk clock source.
The output frequency of the Baud Rate Generator is 16x the Baud rate. Two eight bit latches store the divisor in 16 bit
binary format. These Divisor Latches must be loaded during initialization in order to ensure desired operation of the
Baud Rate Generator. Upon loading either of the Divisor Latches, a 16 bit Baud counter is immediately loaded. This
prevents long counts on initial load. If a 0 is loaded into the BRG registers, the output divides the clock by the number
3. If a 1 is loaded, the output is the inverse of the input oscillator. If a two is loaded, the output is a divide by 2 signal with
a 50% duty cycle. If a 3 or greater is loaded, the output is low for 2 bits and high for the remainder of the count.
The following tables show possible baud rates.
TABLE 14-7:
UART BAUD RATES USING CLOCK SOURCE 1.8432MHz_Clk
Desired Baud Rate
BAUD_CLOCK_SEL
Divisor Used to Generate
16X Clock
50
0
2304
75
0
1536
110
0
1047
134.5
0
857
150
0
768
300
0
384
600
0
192
1200
0
96
1800
0
64
2000
0
58
2400
0
48
3600
0
32
4800
0
24
7200
0
16
9600
0
12
19200
0
6
38400
0
3
57600
0
2
115200
0
1
TABLE 14-8:
UART BAUD RATES USING CLOCK SOURCE 24MHz_Clk
Desired Baud Rate
BAUD_CLOCK_SEL
Divisor Used to Generate
16X Clock
125000
1
12
136400
1
11
150000
1
10
166700
1
9
187500
1
8
214300
1
7
250000
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com