Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 174 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 174 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 170Page - Microchip Technology MEC1322 Datasheet HTML 171Page - Microchip Technology MEC1322 Datasheet HTML 172Page - Microchip Technology MEC1322 Datasheet HTML 173Page - Microchip Technology MEC1322 Datasheet HTML 174Page - Microchip Technology MEC1322 Datasheet HTML 175Page - Microchip Technology MEC1322 Datasheet HTML 176Page - Microchip Technology MEC1322 Datasheet HTML 177Page - Microchip Technology MEC1322 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 456 page
background image
MEC1322
DS00001719D-page 174
 2014 - 2015 Microchip Technology Inc.
13.11.1
POWER MANAGEMENT 1 STATUS 1 REGISTER
13.11.2
POWER MANAGEMENT 1 STATUS 2 REGISTER
Note 13-1
These bits are set/cleared by the EC directly i.e., writing ‘1’ sets the bit and writing ‘0’ clears it. These
bits can also be cleared by the Host software writing a one to this bit position and by VCC1_RESET.
Writing a 0 by the Host has no effect.
13.11.3
POWER MANAGEMENT 1 ENABLE 1 REGISTER
06h
Power Management 2 Control 1 Register
07h
Power Management 2 Control 2 Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 Reserved
R
-
-
Offset
01h
Bits
Description
Type
Default
Reset
Event
7 WAK_STS
This bit can be set or cleared by the EC. The Host writing a one to
this bit can also clear this bit.
R/WC
(Note 13
-1)
00h
VCC1_R
ESET
6:4 Reserved
R
-
-
3 PWRBTNOR_STS
This bit can be set or cleared by the EC to simulate a Power button
override event status if the power is controlled by the EC. The Host
writing a one to this bit can also clear this bit. The EC must generate
the associated hardware event under software control.
R/WC
(Note 13
-1)
00h
VCC1_R
ESET
2 RTC_STS
This bit can be set or cleared by the EC to simulate a RTC status.
The Host writing a one to this bit can also clear this bit. The EC must
generate the associated SCI interrupt under software control.
R/WC
(Note 13
-1)
00h
VCC1_R
ESET
1 SLPBTN_STS
This bit can be set or cleared by the EC to simulate a Sleep button
status if the sleep state is controlled by the EC. The Host writing a
one to this bit can also clear this bit. The EC must generate the
associated SCI interrupt under software control.
R/WC
(Note 13
-1)
00h
VCC1_R
ESET
0 PWRBTN_STS
This bit can be set or cleared by the EC to simulate a Power button
status if the power is controlled by the EC. The Host writing a one to
this bit can also clear this bit. The EC must generate the associated
SCI interrupt under software control.
R/WC
(Note 13
-1)
00h
VCC1_R
ESET
Offset
02h
Bits
Description
Type
Default
Reset
Event
7:0 Reserved
R
-
-
TABLE 13-7:
RUNTIME REGISTERS SUMMARY (CONTINUED)
Offset
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com