Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 164 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 164 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 160Page - Microchip Technology MEC1322 Datasheet HTML 161Page - Microchip Technology MEC1322 Datasheet HTML 162Page - Microchip Technology MEC1322 Datasheet HTML 163Page - Microchip Technology MEC1322 Datasheet HTML 164Page - Microchip Technology MEC1322 Datasheet HTML 165Page - Microchip Technology MEC1322 Datasheet HTML 166Page - Microchip Technology MEC1322 Datasheet HTML 167Page - Microchip Technology MEC1322 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 456 page
background image
MEC1322
DS00001719D-page 164
 2014 - 2015 Microchip Technology Inc.
12.10 Description
FIGURE 12-2:
MAILBOX BLOCK DIAGRAM
12.10.1
HOST ACCESS PORT
The Mailbox includes a total of 47 index-addressable 8-bit Mailbox registers and a two byte Mailbox Registers Host
Access Port. Forty-three of the 47 index-addressable 8-bit registers are EC Mailbox registers, which can be read and
written by both the EC and the Host. The remaining four registers are used for signaling between the Host and the EC.
The Host Access Port consists of two 8-bit run-time registers that occupy two addresses in the HOST I/O space, MBX-
_INDEX Register and MBX_DATA Register. The Host Access Port is used by the host to access the 47 index-address-
able 8-bit registers.
To access a Mailbox register once the Mailbox Registers Interface Base Address has been initialized, the Mailbox reg-
ister index address is first written to the MBX Index port. After the Index port has been written, the Mailbox data byte
can be read or written via the MBX data port.
The Host Access Port is intended to be accessed by the Host only, however it may be accessed by the EC at the Offset
shown from its EC base address in Table 12-7, "Runtime Register Base Address Table".
12.10.2
HOST INTERRUPT GENERATION
The Mailbox can generate a SIRQ event for EC-to-HOST EC events, using the EC-to-Host Mailbox Register. This inter-
rupt is routed to the SIRQ block.
The Mailbox can also generate an SMI event, using SMI Interrupt Source Register. The SMI event can be routed to
any frame in the SIRQ stream as well as to the nSMI pin. The SMI event can be routed to nSMI pin by selecting the
nSMI signal function in the associated GPIO Pin Control Register. The SMI event produces a standard active low frame
on the serial IRQ stream and active low level on the open drain nSMI pin.
Routing for both the SIRQ logic and the nSMI pin is shown in Figure 12-3.
HOST-to-EC
EC-to-HOST
Forty-three 8-bit
Mailbox Registers
Host CPU
SMI
EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com