Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 160 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 160 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology MEC1322 Datasheet HTML 158Page - Microchip Technology MEC1322 Datasheet HTML 159Page - Microchip Technology MEC1322 Datasheet HTML 160Page - Microchip Technology MEC1322 Datasheet HTML 161Page - Microchip Technology MEC1322 Datasheet HTML 162Page - Microchip Technology MEC1322 Datasheet HTML 163Page - Microchip Technology MEC1322 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 456 page
background image
MEC1322
DS00001719D-page 160
 2014 - 2015 Microchip Technology Inc.
11.17.1
PORT 92 REGISTER
11.18 Emulated 8042 Interface EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Legacy Port92/GATEA20
logic. The addresses of each register listed in this table are defined as a relative offset to the host “Base Address”
defined in the EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
Offset
0h
Bits
Description
Type
Default
Reset
Event
7:2 Reserved
R
-
-
1 ALT_GATE_A20
This bit provides an alternate means for system control of the
GATEA20 pin. ALT_A20 low drives GATEA20 low, if A20 from the
keyboard controller is also low. When Port 92 is enabled, writing a 1
to this bit forces ALT_A20 high. ALT_A20 high drives GATEA20 high
regardless of the state of A20 from the keyboard controller.
0=ALT_A20 is driven low
1=ALT_A20 is driven high
R/W
0h
nSIO_R
ESET
0 ALT_CPU_RESET
This bit provides an alternate means to generate a CPU_RESET
pulse. The CPU_RESET output provides a means to reset the sys-
tem CPU to effect a mode switch from Protected Virtual Address
Mode to the Real Address Mode. This provides a faster means of
reset than is provided through the EC keyboard controller. Writing a
“1” to this bit will cause the ALT_RST# internal signal to pulse (active
low) for a minimum of 6
μs after a delay of 14μs. Before another
ALT_RST# pulse can be generated, this bit must be written back to
“0”.
R/W
0h
nSIO_R
ESET
TABLE 11-19: EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance Number
Host
Address Space
Base Address
Port92-Legacy
0
EC
32-bit address
space
400F_1900h
TABLE 11-20: EC-ONLY REGISTER SUMMARY
Offset
Register Name (Mnemonic)
0h
GATEA20 Control Register
8h
SETGA20L Register
Ch
RSTGA20L Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com