Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 166 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 166 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 162Page - Microchip Technology MEC1322 Datasheet HTML 163Page - Microchip Technology MEC1322 Datasheet HTML 164Page - Microchip Technology MEC1322 Datasheet HTML 165Page - Microchip Technology MEC1322 Datasheet HTML 166Page - Microchip Technology MEC1322 Datasheet HTML 167Page - Microchip Technology MEC1322 Datasheet HTML 168Page - Microchip Technology MEC1322 Datasheet HTML 169Page - Microchip Technology MEC1322 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 456 page
background image
MEC1322
DS00001719D-page 166
 2014 - 2015 Microchip Technology Inc.
12.11 Runtime Registers
The registers listed in the Runtime Register Summary table are for a single instance of the Mailbox. The addresses of
each register listed in this table are defined as a relative offset to the host “Base Address” defined in the Runtime Reg-
ister Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
12.11.1
MBX_INDEX REGISTER
12.11.2
MBX_DATA REGISTER
12.12 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Mailbox. The addresses of
each register listed in this table are defined as a relative offset to the host “Base Address” defined in the EC-Only Reg-
ister Base Address Table.
The EC-Only registers can be accessed by the EC at the EC Offset from the Base Address. In addition, the registers
can be accessed through the Host Access Port, at the indexes listed in the following tables as “MBX_INDEX”.
TABLE 12-7:
RUNTIME REGISTER BASE ADDRESS TABLE
Block Instance
Instance Number
Host
Address Space
Base Address
Mailbox Interface
0
LPC
I/O
Programmed BAR
EC
32-bit address
space
400F_2400h
TABLE 12-8:
RUNTIME REGISTER SUMMARY
Offset
Register Name (Mnemonic)
0h
MBX_INDEX Register
1h
MBX_DATA Register
Offset
0h
Bits
Description
Type
Default
Reset
Event
7:0 INDEX
The index into the mailbox registers listed in Table 12-10, "EC-Only
Register Summary".
R/W
0h
VCC1_R
ESET
and
PWRGD=
0
Offset
01h
Bits
Description
Type
Default
Reset
Event
7:0 DATA
Data port used to access the registers listed in Table 12-10, "EC-
Only Register Summary".
R/W
0h
VCC1_R
ESET
and
PWRGD=
0
TABLE 12-9:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance Number
Host
Address Space
Base Address
Mailbox Interface
0
EC
32-bit address
space
400F_2500h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com