Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 165 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 165 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 161Page - Microchip Technology MEC1322 Datasheet HTML 162Page - Microchip Technology MEC1322 Datasheet HTML 163Page - Microchip Technology MEC1322 Datasheet HTML 164Page - Microchip Technology MEC1322 Datasheet HTML 165Page - Microchip Technology MEC1322 Datasheet HTML 166Page - Microchip Technology MEC1322 Datasheet HTML 167Page - Microchip Technology MEC1322 Datasheet HTML 168Page - Microchip Technology MEC1322 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 165
MEC1322
FIGURE 12-3:
MAILBOX SIRQ AND SMI ROUTING
12.10.3
EC MAILBOX CONTROL
The HOST-to-EC Mailbox Register and EC-to-Host Mailbox Register are designed to pass commands between the host
and the EC. If enabled, these registers can generate interrupts to both the Host and the EC.
The two registers are not dual-ported, so the HOST BIOS and Keyboard BIOS must be designed to properly share these
registers. When the host performs a write of the HOST-to-EC Mailbox Register, an interrupt will be generated and seen
by the EC if unmasked. When the EC writes FFh to the Mailbox Register, the register resets to 00h, providing a simple
means for the EC to inform the host that an operation has been completed.
When the EC writes the EC-to-Host Mailbox Register, an SMI may be generated and seen by the host if unmasked.
When the Host CPU writes FFh to the register, the register resets to 00h, providing a simple means for the host to inform
that EC that an operation has been completed.
Note:
The protocol used to pass commands back and forth through the Mailbox Registers Interface is left to the
System designer. Microchip can provide an application example of working code in which the host uses the
Mailbox registers to gain access to all of the EC registers.
Mailbox Registers
MBX_Host_SMI
GPIO
nSMI
Pin Control Register
SIRQ Mapping
SIRQ
MBX_Host_SIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com