Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 147 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 147 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 143Page - Microchip Technology MEC1322 Datasheet HTML 144Page - Microchip Technology MEC1322 Datasheet HTML 145Page - Microchip Technology MEC1322 Datasheet HTML 146Page - Microchip Technology MEC1322 Datasheet HTML 147Page - Microchip Technology MEC1322 Datasheet HTML 148Page - Microchip Technology MEC1322 Datasheet HTML 149Page - Microchip Technology MEC1322 Datasheet HTML 150Page - Microchip Technology MEC1322 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 147
MEC1322
11.9
Description
11.9.1
BLOCK DIAGRAM
11.10 EC-to-Host Keyboard Communication
The EC can write to the EC_HOST Data / AUX Data Register by writing to the HOST2EC Data Register at EC-Only
offset 0h or the EC AUX Data Register at EC-Only offset Ch. A write to either of these addresses automatically sets bit
0 (OBF) in the Status register. A write to the HOST2EC Data Register may also set PCOBF. A write to the EC AUX Data
Register may also set AUXOBF.
11.10.1
PCOBF DESCRIPTION
If enabled by the bit OBFEN, the bit PCOBF is gated onto KIRQ. The KIRQ signal is a system interrupt which signifies
that the EC has written to the HOST2EC Data Register (EC-Only offset 0h). On power-up, PCOBF is reset to 0. PCOBF
will normally reflect the status of writes to HOST2EC register, if PCOBFEN is “0”. PCOBF is cleared by hardware on a
HOST read of the EC_HOST Data / AUX Data Register.
KIRQ is normally selected as IRQ1 for keyboard support.
Additional flexibility has been added which allows firmware to directly control the PCOBF output signal, independent of
data transfers to the host-interface data output register. This feature allows the MEC1322 to be operated via the host
“polled” mode. Firmware control is active when PCOBFEN is ‘1’. Firmware sets PCOBF high by writing a “1” to the
PCOBF field of the PCOBF Register. Firmware must also clear PCOBF by writing a “0” to the PCOBF field.
The PCOBF register is also readable; the value read back on bit 0 of the register always reflects the present value of
the PCOBF output. If PCOBFEN = 1, then this value reflects the output of the firmware latch in the PCOBF Register. If
PCOBFEN = 0, then the value read back reflects the in-process status of write cycles to the HOST2EC Data Register
(i.e., if the value read back is high, the host interface output data register has just been written to). If OBFEN=0, then
KIRQ is driven inactive (low).
FIGURE 11-2:
BLOCK DIAGRAM OF 8042 Emulated Keyboard Controller
SPB offset =100h
Read Data or CMD
AUXH = 1 Bit [5] is AUXOBF
AUXH = 0 Bit [5] is UD
2
IBF SET on Host Write to LPC I/O
Index =00h or 04h
IBF Cleared on EC Read to SPB
Offset = 00h
3
OBF SET on EC Write to
SPB offset = 100h or 10Ch
OBF Cleared by Read 0f
LPC I/O Index 00h
4 PCOBFEN = 1 PCOBF is contents of Bit 0 SPB offset = 114h
PCOBFEN = 0 PCBOBF is set on EC Write of SPB offset = 100 h
PCOBF is cleared on Host Read of LPC I/O index = 00h
D7
D3
D4
D5
D6
D0
D1
D2
D7
UD
D3
C/D
D4
UD
D5
AUXOBF / UD
D6
UD
D0
OBF3
D1
IBF2
D2
UD1
HOST_EC Data register
Status Register
Keyboard Control Register
W
LPC I/O Index =00
Write Data
R
LPC I/O read index =04h
R
SPB offset =104h
R
W
EC
Access
Host
Access
1 This bit is reset by
LPCRESET and VTR_POR
D7
RES
D3
RES
D4
RES
D5
RES
D6
RES
D1
RES
D2
RES
PCOBF Register
R
FF_0514
W
D7
AUXH
D3
UD
D4
UD
D5
OBFEN
D6
UD
D0
UD
D1
SAEN
D2
PCOBFEN
R
W
D7
D3
D4
D5
D6
D0
D1
D2
R
W
EC_HOST Data Register
SPB offset =10Ch
Write Aux Data
SPB offset =100h
Write Data
FF_0508
D0
PCOBF4
LPC I/O Index =04
Write CMD
LPC I/O Index =00
Read Data or AUX Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com