Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 142 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 142 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 138Page - Microchip Technology MEC1322 Datasheet HTML 139Page - Microchip Technology MEC1322 Datasheet HTML 140Page - Microchip Technology MEC1322 Datasheet HTML 141Page - Microchip Technology MEC1322 Datasheet HTML 142Page - Microchip Technology MEC1322 Datasheet HTML 143Page - Microchip Technology MEC1322 Datasheet HTML 144Page - Microchip Technology MEC1322 Datasheet HTML 145Page - Microchip Technology MEC1322 Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 456 page
background image
MEC1322
DS00001719D-page 142
 2014 - 2015 Microchip Technology Inc.
10.13.3
OS2EC DATA EC BYTE 2 REGISTER
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 135, OS2EC DATA BYTES[3:0] on page 141, and
EC2OS DATA BYTES[3:0] on page 142 for detailed description of access rules.
10.13.4
OS2EC DATA EC BYTE 3 REGISTER
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 135, OS2EC DATA BYTES[3:0] on page 141, and
EC2OS DATA BYTES[3:0] on page 142 for detailed description of access rules.
10.13.5
EC2OS DATA EC BYTE 0 REGISTER
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 135, OS2EC DATA BYTES[3:0] on page 141, and
EC2OS DATA BYTES[3:0] on page 142 for detailed description of access rules.
EC2OS DATA BYTES[3:0]
Writes by the ACPI_EC to the EC2OS DATA BYTES[3:0] are aliased to the ACPI-OS DATA BYTES[3:0]
All access to the EC2OS DATA BYTES[3:0] registers should be orderly: Least Significant Byte to Most Significant Byte
when byte access is used.
When the FOUR_BYTE_ACCESS bit in the OS Byte Control Register is cleared to ‘0’, the following access rules apply:
1.
Writes to the EC2OS Data EC Byte 0 Register set the OBF bit in the OS STATUS OS Register.
2.
Reads from the EC2OS DATA BYTES[3:0] have no effect on the IBF bit in the OS STATUS OS Register.
3.
All reads from EC2OS DATA BYTES[3:1] return 00h without error.
4.
All writes to EC2OS DATA BYTES[3:1] complete without error but the data are not registered.
5.
Access to EC2OS DATA BYTES[3:1] have no effect on the IBF & OBF bits in the OS STATUS OS Register.
When the FOUR_BYTE_ACCESS bit in the OS Byte Control Register is set to ‘1’, the following access rules apply:
1.
Writes to the EC2OS Data EC Byte 3 Register set the OBF bit in the OS STATUS OS Register.
2.
Reads from the EC2OS DATA BYTES[3:0] have no effect on the IBF bit in the OS STATUS OS Register.
Offset
10Ah
Bits
Description
Type
Default
Reset
Event
7:0 OS2EC_DATA_BYTE_2
This is byte 2 of the 32-bit OS2EC DATA BYTES[3:0].
R/W
0h
VCC1_R
ESET
Offset
10Bh
Bits
Description
Type
Default
Reset
Event
7:0 OS2EC_DATA_BYTE_3
This is byte 3 of the 32-bit OS2EC DATA BYTES[3:0].
R/W
0h
VCC1_R
ESET
Offset
100h
Bits
Description
Type
Default
Reset
Event
7:0 EC2OS_DATA_BYTE_0
This is byte 0 of the 32-bit EC2OS DATA BYTES[3:0].
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com