Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 138 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 138 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 134Page - Microchip Technology MEC1322 Datasheet HTML 135Page - Microchip Technology MEC1322 Datasheet HTML 136Page - Microchip Technology MEC1322 Datasheet HTML 137Page - Microchip Technology MEC1322 Datasheet HTML 138Page - Microchip Technology MEC1322 Datasheet HTML 139Page - Microchip Technology MEC1322 Datasheet HTML 140Page - Microchip Technology MEC1322 Datasheet HTML 141Page - Microchip Technology MEC1322 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 456 page
background image
MEC1322
DS00001719D-page 138
 2014 - 2015 Microchip Technology Inc.
1IBF
The Input Buffer Full bit is set to indicate that a the ACPI_OS has
written a command or data to the ACPI_EC and that data is ready.
This bit is automatically cleared when data has been read by the
ACPI_EC.
Note:
The setting and clearing of this IBF varies depending on
the setting of the following bits: CMD bit in this register
and FOUR_BYTE_ACCESS bit in the OS Byte Control
Register. Three scenarios follow:
1.
The IBF is set when the ACPI_OS writes to the ACPI OS
COMMAND Register. This same write autonomously sets the
CMD bit in this register.
The IBF is cleared if the CMD bit in this register is set and the
ACPI_EC reads from the OS2EC Data EC Byte 0 Register.
Note:
When CMD bit in this register is set the FOUR_BYTE_-
ACCESS bit in the OS Byte Control Register has no
impact on the IBF bit behavior.
2.
A write by the to the ACPI_OS to the ACPI OS Data Register
Byte 0 Register sets the IBF bit if the FOUR_BYTE_ACCESS
bit in the OS Byte Control Register is in the cleared to ‘0’ state
prior to this write. This same write autonomously clears the
CMD bit in this register.
A read of the OS2EC Data EC Byte 0 Register clears the IBF bit if
the FOUR_BYTE_ACCESS bit in the OS Byte Control Register is in
the cleared to ‘0’ state prior to this read.
3.
A write by the to the ACPI_OS to the ACPI OS Data Register
Byte 3 Register sets the IBF bit if the FOUR_BYTE_ACCESS
bit in the OS Byte Control Register is in the set to ‘1’ state prior
to this write. This same write autonomously clears the CMD
bit in this register.
A read of the OS2EC Data EC Byte 3 Register clears the IBF bit if
the FOUR_BYTE_ACCESS bit in the OS Byte Control Register is in
the set to ‘1’ state prior to this read.
An EC_IBF interrupt signals the ACPI_EC that there is data avail-
able. The ACPI Specification usage model is as follows:
1.
The ACPI_EC reads the EC STATUS Register and sees the
IBF flag set,
2.
The ACPI_EC reads all the data available in the OS2EC
DATA BYTES[3:0]. This causes the IBF bit to be automatically
cleared by hardware.
3.
The ACPI_EC must then generate a software interrupt (See
Note: on page 130) to alert the ACPI_OS that the data has
been read and that the host is free to write more data to the
ACPI_EC as needed.
R0h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com