Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 134 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 134 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 130Page - Microchip Technology MEC1322 Datasheet HTML 131Page - Microchip Technology MEC1322 Datasheet HTML 132Page - Microchip Technology MEC1322 Datasheet HTML 133Page - Microchip Technology MEC1322 Datasheet HTML 134Page - Microchip Technology MEC1322 Datasheet HTML 135Page - Microchip Technology MEC1322 Datasheet HTML 136Page - Microchip Technology MEC1322 Datasheet HTML 137Page - Microchip Technology MEC1322 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 456 page
background image
MEC1322
DS00001719D-page 134
 2014 - 2015 Microchip Technology Inc.
10.12 Runtime Registers
The registers listed in the Runtime Register Summary table are for two instances of the
ACPI Embedded Controller
Interface (ACPI-ECI). The addresses of each register listed in this table are defined as a relative offset to the host
“Base Address” defined in the Runtime Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance
10.12.1
ACPI OS DATA REGISTER BYTE 0 REGISTER
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 135, OS2EC DATA BYTES[3:0] on page 141, and
EC2OS DATA BYTES[3:0] on page 142 for detailed description of access rules.
101h
EC2OS Data EC Byte 1 Register
W01h
ACPI OS Data Register Byte 1
Register
R
102h
EC2OS Data EC Byte 2 Register
W02h
ACPI OS Data Register Byte 2
Register
R
103h
EC2OS Data EC Byte 3 Register
W03h
ACPI OS Data Register Byte 3
Register
R
Note:
The Runtime registers may be accessed by the EC but typically the Host will access the Runtime Registers
and the EC will access just the EC-Only registers.
TABLE 10-8:
RUNTIME REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
ACPI-EC
0
LPC
I/O
Programmed BAR
EC
32-bit internal
address space
400F_0C00h
ACPI-EC
1
LPC
I/O
Programmed BAR
EC
32-bit internal
address space
400F_1000h
TABLE 10-9:
RUNTIME REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
ACPI OS Data Register Byte 0 Register
01h
ACPI OS Data Register Byte 1 Register
02h
ACPI OS Data Register Byte 2 Register
03h
ACPI OS Data Register Byte 3 Register
04h
ACPI OS COMMAND Register
04h
OS STATUS OS Register
05h
OS Byte Control Register
06h
Reserved
07h
Reserved
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 ACPI_OS_DATA_BYTE_0
This is byte 0 of the 32-bit ACPI-OS DATA BYTES[3:0].
R/W
0h
VCC1_R
ESET
TABLE 10-7:
EC-ONLY REGISTERS SUMMARY (CONTINUED)
EC
Offset
EC-Only Registers
Register Name (Mnemonic)
EC
Access
Host
Offset
Aliased Runtime Register
Register Name (Mnemonic)
Host
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com