Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 137 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 137 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 133Page - Microchip Technology MEC1322 Datasheet HTML 134Page - Microchip Technology MEC1322 Datasheet HTML 135Page - Microchip Technology MEC1322 Datasheet HTML 136Page - Microchip Technology MEC1322 Datasheet HTML 137Page - Microchip Technology MEC1322 Datasheet HTML 138Page - Microchip Technology MEC1322 Datasheet HTML 139Page - Microchip Technology MEC1322 Datasheet HTML 140Page - Microchip Technology MEC1322 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 137
MEC1322
4BURST
The BURST bit is set when the ACPI_EC is in Burst Mode for polled
command processing; the BURST bit is cleared when the ACPI_EC
is in Normal mode for interrupt-driven command processing.
The BURST bit is an ACPI_EC-maintained software flag that indi-
cates the embedded controller has received the Burst Enable com-
mand from the host, has halted normal processing, and is waiting
for a series of commands to be sent from the host. Burst Mode
allows the OS or system management handler to quickly read and
write several bytes of data at a time without the overhead of SCIs
between commands.
The BURST bit is maintained by ACPI_EC software, only.
R0b
VCC1_R
ESET
3CMD
This bit is set when the OS2EC Data EC Byte 0 Register contains a
command byte written into ACPI OS COMMAND Register; this bit is
cleared when the OS2EC DATA BYTES[3:0] contains a data byte
written into the ACPI-OS DATA BYTES[3:0].
This bit is hardware controlled:
• ACPI_OS writes to any of the four ACPI-OS DATA BYTES[3:0]
bytes clears this bit
• ACPI_OS writes to the ACPI OS COMMAND Register sets this
bit.
Note:
This bit allows the embedded controller to differentiate
the start of a command sequence from a data byte write
operation.
R0b
VCC1_R
ESET
2UD1B
User Defined
R0b
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com