Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 109 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 109 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 105Page - Microchip Technology MEC1322 Datasheet HTML 106Page - Microchip Technology MEC1322 Datasheet HTML 107Page - Microchip Technology MEC1322 Datasheet HTML 108Page - Microchip Technology MEC1322 Datasheet HTML 109Page - Microchip Technology MEC1322 Datasheet HTML 110Page - Microchip Technology MEC1322 Datasheet HTML 111Page - Microchip Technology MEC1322 Datasheet HTML 112Page - Microchip Technology MEC1322 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 109
MEC1322
7.7.1
NVIC INTERRUPT INTERFACE
The NVIC interrupt unit can be wired to up to 240 interrupt inputs from the chip level. The interrupts that are actually
connected from the chip level are defined in Table 15-3, “Interrupt Event Aggregator Routing Summary,” on page 195.
All NVIC interrupt inputs can be programmed as either pulse or level triggered. They can also be individually masked,
and individually assigned to their own hardware-managed priority level.
7.7.2
NVIC RELATIONSHIP TO EXCEPTION VECTOR TABLE ENTRIES
The Vector Table consists of 4-byte entries, one per vector. Entry 0 is not a vector, but provides an initial Reset value
for the Main Stack Pointer. Vectors start with the Reset vector, at Entry #1. Entries up through #15 are dedicated for
internal exceptions, and do not involve the NVIC.
NVIC entries in the Vector Table start with Entry #16, so that NVIC Interrupt #0 is at Entry #16, and all NVIC interrupt
numbers are incremented by 16 before accessing the Vector Table.
The number of connections to the NVIC determines the necessary minimum size of the Vector Table, as shown below.
It can extend as far as 256 entries (255 vectors, plus the non-vector entry #0).
A Vector entry is used to load the Program Counter (PC) and the EPSR.T bit. Since the Program Counter only expresses
code addresses in units of two-byte Halfwords, bit[0] of the vector location is used to load the EPSR.T bit instead, select-
ing THUMB mode for exception handling. Bit[0] must be ‘1’ in all vectors, otherwise a UsageFault exception will be
posted (INVSTATE, unimplemented instruction set). If the Reset vector is at fault, the exception posted will be HardFault
instead.
TABLE 7-4:
EXCEPTION AND INTERRUPT VECTOR TABLE LAYOUT
Table Entry
Exception
Number
Exception
Special Entry for Reset Stack Pointer
0
(none)
Holds Reset Value for the Main Stack Pointer. Not a Vector.
Core Internal Exception Vectors start here
1
1
Reset Vector (PC + EPSR.T bit)
2
2
NMI (Non-Maskable Interrupt) Vector
33
HardFault Vector
4
4
MemManage Vector
55
BusFault Vector
6
6
UsageFault Vector
7
(none)
(Reserved by ARM Ltd.)
8
(none)
(Reserved by ARM Ltd.)
9
(none)
(Reserved by ARM Ltd.)
10
(none)
(Reserved by ARM Ltd.)
11
11
SVCall Vector
12
12
Debug Monitor Vector
13
(none)
(Reserved by ARM Ltd.)
14
14
PendSV Vector
15
15
SysTick Vector
NVIC Interrupt Vectors start here
16
16
NVIC Interrupt #0 Vector
.
.
.
.
.
.
.
.
.
n + 16
n + 16
NVIC Interrupt #n Vector
.
.
.
.
.
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com