Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 97Page - National Semiconductor (TI) CS5530 Datasheet HTML 98Page - National Semiconductor (TI) CS5530 Datasheet HTML 99Page - National Semiconductor (TI) CS5530 Datasheet HTML 100Page - National Semiconductor (TI) CS5530 Datasheet HTML 101Page - National Semiconductor (TI) CS5530 Datasheet HTML 102Page - National Semiconductor (TI) CS5530 Datasheet HTML 103Page - National Semiconductor (TI) CS5530 Datasheet HTML 104Page - National Semiconductor (TI) CS5530 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 241 page
background image
Revision 4.1
101
www.national.com
Functional Description (Continued)
3.5.5.1
I/O Port 092h System Control
I/O Port 092h allows for a fast keyboard assertion of an
A20# SMI and a fast keyboard CPU reset. Decoding for
this register may be disabled via F0 Index 52h[3] (Table 3-
48).
The assertion of a fast keyboard A20# SMI is controlled
by either I/O Port 092h or by monitoring for the keyboard
command sequence (see Section 3.5.6.1 “Fast Keyboard
Gate Address 20 and CPU Reset” on page 103). If bit 1 of
I/O Port 092h is cleared, the CS5530 internally asserts an
A20M# SMI, which in turn causes an SMI to the proces-
sor. If bit 1 is set, A20M# SMI is internally deasserted
again causing an SMI.
The assertion of a fast keyboard reset (WM_RST SMI) is
controlled by bit 0 in I/O Port 092h or by monitoring for the
keyboard command sequence. If bit 0 is changed from a 0
to a 1, the CS5530 generates a reset to the processor by
generating a WM_RST SMI. When the WM_RST SMI
occurs, the BIOS jumps to the Warm Reset vector. This bit
remains set until the CS5530 is externally reset, or this bit
is cleared by program control. Note that Warm Reset is
not a pin, it is under SMI control.
3.5.5.2
I/O Port 061h System Control
Through I/O Port 061h, the speaker output can be
enabled, NMI from IOCHK# or SERR# can be enabled,
thestatusofIOCHK#and SERR# canberead, and the
state of the speaker data (Timer2 output) and refresh tog-
gle (Timer1 output) can be read back. Note that NMI is
under SMI control.
3.5.5.3
SMI Generation for NMI
Figure 3-17 shows how the CS5530 can generate an SMI
for an NMI. Note that NMI is not a pin.
Figure 3-17. SMI Generation for NMI
Table 3-48. I/O Port 092h Decode Enable Bit
Bit
Description
F0 Index 52h
ROM/AT Logic Control Register (R/W)
Reset Value = F8h
3
Enable Port 092h Decode (Port A): I/O Port 092h decode and the logical functions: 0 = Disable; 1 = Enable.
PERR#
IOCHK#
F0 Index 04h[6]
SERR#
F0 Index 04h[8]
F0 Index 41h[5]
I/O Port 061h[2]
I/O Port 061h[3]
I/O Port 070h[7]
Parity Errors
AND
System Errors
NMI
NMI
SMI
F0 Index 04h: PCI Command Register
Bit 6 = PE (Parity Error Enable)
Bit 8 = SERR# (SERR# Enable)
F0 Index 41h: PCI Function Control Register 2
Bit 5 = PES (PERR# Signals SERR#)
I/O Port 061h: Port B
Bit 2 = ERR_EN (PERR#/SERR# enable)
Bit 3 = IOCHK_EN (IOCHK Enable)
I/O Port 070h: RTC Index Register (WO)
Bit 7 = NMI (NMI Enable)
AND
AND
AND
AND
OR
AND
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com