Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 100Page - National Semiconductor (TI) CS5530 Datasheet HTML 101Page - National Semiconductor (TI) CS5530 Datasheet HTML 102Page - National Semiconductor (TI) CS5530 Datasheet HTML 103Page - National Semiconductor (TI) CS5530 Datasheet HTML 104Page - National Semiconductor (TI) CS5530 Datasheet HTML 105Page - National Semiconductor (TI) CS5530 Datasheet HTML 106Page - National Semiconductor (TI) CS5530 Datasheet HTML 107Page - National Semiconductor (TI) CS5530 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 241 page
background image
www.national.com
104
Revision 4.1
Functional Description (Continued)
3.5.7
External Real-Time Clock Interface
I/O Ports 070h and 071h decodes are provided to inter-
face to an external real-time clock controller. I/O Port
070h, a write only port, is used to set up the address of
the desired data in the controller. This causes the address
to be placed on the ISA data bus, and the RTCALE signal
to be triggered. A read of I/O Port 071h causes an ISA I/O
read cycle to be performed while asserting the RTCCS#
signal.A writetoI/O Port 071hcausesanISA I/O write
cycle to be performed with the desired data being placed
on theISA busand theRTCCS#signaltobeasserted.
RTCCS#/SMEMW# and RTCALE/SMEMR# are multi-
plexed pins. The function selection is made through F0
Index 53h[2].
The connection between the CS5530 and an external
real-time clock is shown in Figure 3-18.
The CS5530 also provides the RTC Index Shadow Regis-
ter (F0 Index BBh) to store the last write to I/O Port 070h.
Table 3-52 shows the bit formats for the associated regis-
ters for interfacing with an external real-time clock.
Figure 3-18. External RTC interface
SD[7:0]
RTCALE/SMEMR#
IOR#
IOW#
RTC
RTCCS#/SMEMW#
IRQ8#
Table 3-52. Real-Time Clock Registers
Bit
Description
I/O Port 070h
RTC Address Register (WO)
7
NMI Mask: 0 = Enable; 1 = Mask.
6:0
RTC Register Index: A write of this register sends the data out on the ISA bus and also causes RTCALE to be
triggered.
Note: This register is shadowed within the CS5530 and is read through the RTC Shadow Register (F0 Index BBh).
I/O Port 071h
RTC Data Register (R/W)
A read of this register returns the value of the register indexed by the RTC Address Register plus initiates a RTCCS#.
A write of this register sets the value into the register indexed by the RTC Address Register plus initiates a RTCCS#.
F0 Index BBh
RTC Index Shadow Register (RO)
Reset Value = xxh
7:0
RTC Index Shadow (Read Only): The RTC Shadow register contains the last written value of the RTC Index
register (I/O Port 070h).
F0 Index 53h
Alternate CPU Support Register (R/W)
Reset Value = 00h
2
RTC Enable and RTC Pin Configuration: 0 = SMEMW# (Pin AF3) and SMEMR# (Pin AD4), RTC decode disabled
1 = RTCCS# (Pin AF3) and RTCALE (Pin AD4), RTC decode enabled.
Note: Shadow register is independent of the enable register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com