Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 101Page - National Semiconductor (TI) CS5530 Datasheet HTML 102Page - National Semiconductor (TI) CS5530 Datasheet HTML 103Page - National Semiconductor (TI) CS5530 Datasheet HTML 104Page - National Semiconductor (TI) CS5530 Datasheet HTML 105Page - National Semiconductor (TI) CS5530 Datasheet HTML 106Page - National Semiconductor (TI) CS5530 Datasheet HTML 107Page - National Semiconductor (TI) CS5530 Datasheet HTML 108Page - National Semiconductor (TI) CS5530 Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 241 page
background image
Revision 4.1
105
www.national.com
Functional Description (Continued)
3.6
IDE CONTROLLER
The CS5530 integrates a fully-buffered, 32-bit, ANSI ATA-
4-compliant (Ultra DMA/33) IDE interface. The IDE inter-
face supports two channels, primary and secondary, each
supporting two devices that can operate in PIO Modes 1,
2, 3, 4, Multiword DMA, or Ultra DMA/33.
The IDE interface provides a variety of features to opti-
mize system performance, including 32-bit disk access,
post write buffers, bus master, Multiword DMA, look-
ahead read buffer, and prefetch mechanism for each
channel respectively.
The IDE interface timing is completely programmable.
Timing control covers the command active and recover
pulse widths, and command block register accesses. The
IDE data-transfer speed for each device on each channel
can be independently programmed allowing high-speed
IDE peripherals to coexist on the same channel as older,
compatible devices.
The CS5530 also provides a software-accessible buffered
reset signal to the IDE drive, F0 Index 44h[3:2] (Table 3-
53). The IDE_RST# signal is driven low during reset to the
CS5530 and can be driven low or high as needed for
device-power-off conditions.
3.6.1
IDE Interface Signals
The CS5530 has two completely separate IDE control sig-
nals, however, the IDE_RST#, IDE_ADDR[2:0] and
IDE_DATA[15:0] are shared. The connections between
the CS5530 and IDE devices are shown as Figure 3-19.
Figure 3-19. CS5530 and IDE Channel Connections
Table 3-53. IDE Reset Bits
Bit
Description
F0 Index 44h
Reset Control Register (R/W)
Reset Value = xx000000b
3
IDE Controller Reset: Reset the IDE Controller: 0 = Disable; 1 = Enable.
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
2
IDE Reset: Reset IDE bus: 0 = Disable; 1 = Enable.
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
IDE_ADDR[2:0]
IRQ14
IRQ15
IDE_DATA[15:0]
Primary
Channel
Secondary
Channel
IDE_RST#
IDE_CS0#, IDE_DREQ0,
IDE_DACK0#, IDE_IORDY0,
IDE_IOR0#, IDE_IOW0#
IDE_CS1#, IDE_DREQ1,
IDE_DACK1#, IDE_IORDY1,
IDE_IOR1#, IDE_IOW1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com