Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 214 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 214 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 210Page - National Semiconductor (TI) CS5530 Datasheet HTML 211Page - National Semiconductor (TI) CS5530 Datasheet HTML 212Page - National Semiconductor (TI) CS5530 Datasheet HTML 213Page - National Semiconductor (TI) CS5530 Datasheet HTML 214Page - National Semiconductor (TI) CS5530 Datasheet HTML 215Page - National Semiconductor (TI) CS5530 Datasheet HTML 216Page - National Semiconductor (TI) CS5530 Datasheet HTML 217Page - National Semiconductor (TI) CS5530 Datasheet HTML 218Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 241 page
background image
www.national.com
214
Revision 4.1
Register Descriptions (Continued)
I/O Port 020h / 0A0h (WO)
Master / Slave PIC OCW3
7
Reserved: Set to 0.
6:5
Special Mask Mode:
00 = No operation
10 = Reset Special Mask Mode
01 = No operation
11 = Set Special Mask Mode
4
Reserved: Set to 0.
3
Reserved: Set to 1.
2
Poll Command: 0 = Disable; 1 = Enable.
1:0
Register Read Mode:
00 = No operation
10 = Read interrupt request register on next read of Port 20h
01 = No operation
11 = Read interrupt service register on next read of Port 20h.
I/O Port 020h / 0A0h (RO)
Master / Slave PIC Interrupt Request and Service Registers
for OCW3 Commands
Interrupt Request Register
7
IRQ7 / IRQ15 Pending: 0 = Yes; 1 = No.
6
IRQ6 / IRQ14 Pending: 0 = Yes; 1 = No.
5
IRQ5 / IRQ13 Pending: 0 = Yes; 1 = No.
4
IRQ4 / IRQ12 Pending: 0 = Yes; 1 = No.
3
IRQ3 / IRQ11 Pending: 0 = Yes; 1 = No.
2
IRQ2 / IRQ10 Pending: 0 = Yes; 1 = No.
1
IRQ1 / IRQ9 Pending: 0 = Yes; 1 = No.
0
IRQ0 / IRQ8 Pending: 0 = Yes; 1 = No.
Interrupt Service Register
7
IRQ7 / IRQ15 In-Service: 0= No; 1 = Yes.
6
IRQ6 / IRQ14 In-Service: 0= No; 1 = Yes.
5
IRQ5 / IRQ13 In-Service: 0= No; 1 = Yes.
4
IRQ4 / IRQ12 In-Service: 0= No; 1 = Yes.
3
IRQ3 / IRQ11 In-Service: 0= No; 1 = Yes.
2
IRQ2 / IRQ10 In-Service: 0= No; 1 = Yes.
1
IRQ1 / IRQ9 In-Service: 0= No; 1 = Yes.
0
IRQ0 / IRQ8 In-Service: 0= No; 1 = Yes.
Note: The function of this register is set with bits [1:0] in a write to 020h.
Table 4-28. Programmable Interrupt Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com