Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 212Page - National Semiconductor (TI) CS5530 Datasheet HTML 213Page - National Semiconductor (TI) CS5530 Datasheet HTML 214Page - National Semiconductor (TI) CS5530 Datasheet HTML 215Page - National Semiconductor (TI) CS5530 Datasheet HTML 216Page - National Semiconductor (TI) CS5530 Datasheet HTML 217Page - National Semiconductor (TI) CS5530 Datasheet HTML 218Page - National Semiconductor (TI) CS5530 Datasheet HTML 219Page - National Semiconductor (TI) CS5530 Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 241 page
background image
www.national.com
216
Revision 4.1
Register Descriptions (Continued)
Table 4-31. Miscellaneous Registers
Bit
Description
I/O Ports 170h-177h/376h-377h
Secondary IDE Registers (R/W)
When the local IDE functions are enabled, reads or writes to these registers cause the local IDE interface signals to operate according
to their configuration rather than generating standard ISA bus cycles.
I/O Ports 1F0h-1F7h/3F6h-3F7h
Primary IDE Registers (R/W)
When the local IDE functions are enabled, reads or writes to these registers cause the local IDE interface signals to operate according
to their configuration rather than generating standard ISA bus cycles.
I/O Port 4D0h
Interrupt Edge/Level Select Register 1 (R/W)
Reset Value = 00h
7
IRQ7 Edge or Level Select: Selects PIC IRQ7 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
6
IRQ6 Edge or Level Select: Selects PIC IRQ6 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
5
IRQ5 Edge or Level Select: Selects PIC IRQ5 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
4
IRQ4 Edge or Level Select: Selects PIC IRQ4 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
3
IRQ3 Edge or Level Select: Selects PIC IRQ3 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
2
Reserved: Set to 0.
1
IRQ1 Edge or Level Select: Selects PIC IRQ1 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
0
Reserved: Set to 0.
Notes:
1.
If ICW1 - bit 3 in the PIC is set as level, it overrides this setting.
2.
This bit is provided to configure a PCI interrupt mapped to IRQ[x] on the PIC as level-sensitive (shared).
I/O Port 4D1h
Interrupt Edge/Level Select Register 2 (R/W)
Reset Value = 00h
7
IRQ15 Edge or Level Select: Selects PIC IRQ15 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
6
IRQ14 Edge or Level Select: Selects PIC IRQ14 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
5
Reserved: Set to 0.
4
IRQ12 Edge or Level Select: Selects PIC IRQ12 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
3
IRQ11 Edge or Level Select: Selects PIC IRQ11 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
2
IRQ10 Edge or Level Select: Selects PIC IRQ10 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
1
IRQ9 Edge or Level Select: Selects PIC IRQ9 sensitivity configuration: 0 = Edge; 1 = Level. (Notes 1 and 2)
0
Reserved: Set to 0.
Notes:
1.
If ICW1 - bit 3 in the PIC is set as level, it overrides this setting.
2.
This bit is provided to configure a PCI interrupt mapped to IRQ[x] on the PIC as level-sensitive (shared).
I/O Port 121Ch-121Fh (Note)
ACPI Timer Count Register (RO)
Reset Value = 00FFFFFCh
ACPI_COUNT (Read Only): This read-only register provides the ACPI counter. The counter counts at 14.31818/4 MHz (3.579545
MHz). If SMI generation is enabled via F0 Index 83h[5], an SMI is generated when the MSB toggles. The MSB toggles every 2.343
seconds.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported is at F0 Index 87h/F7h[0].
31:24
Reserved: Always returns 0.
23:0
Counter
Note: The ACPI Timer Count Register is accessible through I/O Port 121Ch in Silicon Revision 1.3 and above. Otherwise read at
F1BAR+Offset 1Ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com