Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 220 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 220 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 216Page - National Semiconductor (TI) CS5530 Datasheet HTML 217Page - National Semiconductor (TI) CS5530 Datasheet HTML 218Page - National Semiconductor (TI) CS5530 Datasheet HTML 219Page - National Semiconductor (TI) CS5530 Datasheet HTML 220Page - National Semiconductor (TI) CS5530 Datasheet HTML 221Page - National Semiconductor (TI) CS5530 Datasheet HTML 222Page - National Semiconductor (TI) CS5530 Datasheet HTML 223Page - National Semiconductor (TI) CS5530 Datasheet HTML 224Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 241 page
background image
www.national.com
220
Revision 4.1
Register Descriptions (Continued)
ACPI_BASE 12h-13h
GPE0_EN — General Purpose Event 0 Enable Register (R/W)
Reset Value = 0000h
15
OEM_GPE_E15: Original Equipment Manufacturer General Purpose Event Enable Bit 15: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
14
OEM_GPE_E14: Original Equipment Manufacturer General Purpose Event Enable Bit 14: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
13
OEM_GPE_E13: Original Equipment Manufacturer General Purpose Event Enable Bit 13: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
12
OEM_GPE_E12: Original Equipment Manufacturer General Purpose Event Enable Bit 12: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
11
OEM_GPE_E11: Original Equipment Manufacturer General Purpose Event Enable Bit 11: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
10
OEM_GPE_E10: Original Equipment Manufacturer General Purpose Event Enable Bit 10: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
9
OEM_GPE_E09: Original Equipment Manufacturer General Purpose Event Enable Bit 9: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
8
OEM_GPE_E08: Original Equipment Manufacturer General Purpose Event Enable Bit 8: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
7
OEM_GPE_E07: Original Equipment Manufacturer General Purpose Event Enable Bit 7: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
6
LID_STS: Lid Enable: Enables LID_STS to generate a SCI when set.
5
OEM_GPE_E05: Original Equipment Manufacturer General Purpose Event Enable Bit 5: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
4
OEM_GPE_E04: Original Equipment Manufacturer General Purpose Event Enable Bit 4: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
3
OEM_GPE_E03: Original Equipment Manufacturer General Purpose Event Enable Bit 3: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
2
OEM_GPE_E02: Original Equipment Manufacturer General Purpose Event Enable Bit 2: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
1
OEM_GPE_E01: Original Equipment Manufacturer General Purpose Event Enable Bit 1: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
0
OEM_GPE_E00: Original Equipment Manufacturer General Purpose Event Enable Bit 0: When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
Note: These are the enables for the GPE0_STS bits. When set, enables a SCI to be generated when the corresponding GPE0_STS
bit is set.
ACPI_BASE 14h-17h
SETUP_DATA — Setup Data Register (R/W)
Reset Value = 00000000h
During a read operation, SETUP_DATA returns the value of the internal setting specified by the current value in SETUP_IDX
(ACPI_ABASE 0Eh-0Fh)
ACPI_BASE 18h-1Fh
Reserved
Reset Value = 00h
Reserved for future V-ACPI Implementations.
Table 4-32. V-ACPI Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com