Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 213Page - National Semiconductor (TI) CS5530 Datasheet HTML 214Page - National Semiconductor (TI) CS5530 Datasheet HTML 215Page - National Semiconductor (TI) CS5530 Datasheet HTML 216Page - National Semiconductor (TI) CS5530 Datasheet HTML 217Page - National Semiconductor (TI) CS5530 Datasheet HTML 218Page - National Semiconductor (TI) CS5530 Datasheet HTML 219Page - National Semiconductor (TI) CS5530 Datasheet HTML 220Page - National Semiconductor (TI) CS5530 Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 241 page
background image
Revision 4.1
217
www.national.com
Register Descriptions (Continued)
4.6
V-ACPI I/O REGISTER SPACE
The register space designated as V-ACPI I/O does not
physically exist in the CS5530. ACPI is supported in the
CS5530 by virtualizing this register space, called V-ACPI.
In order for ACPI to be supported, the V-ACPI VSA mod-
ule must be included in the BIOS. The register descrip-
tions that follow, are supplied here for reference only.
FixedFeature Spaceregisters are requiredtobeimple-
mented by all ACPI-compatible hardware. The Fixed Fea-
ture registers in the VSA/ACPI solution are mapped to
normal I/O space starting at offset AC00h; however, the
designer can relocate this register space at compile time,
hence are hereafter referred to as ACPI_BASE. Registers
within V-ACPI (Virtualized ACPI) I/O space must only be
accessed on their defined boundaries. For example, byte
aligned registers must not be accessed via WORD I/O
instructions, WORD aligned registers must not be
accessed as DWORD I/O instructions, etc.
The V-ACPI I/O Register Space can be broken up into
major blocks:
• PM Event Block 1A (PM1A_EVT_BLK)
• PM Event Block 1A Control (PM1A_CNT_BLK)
• Processor Register Block (P_BLK)
• Command Block (CMD_BLK)
• Test/Setup Block (TST/SETUP_BLK)
• General Purpose Enable 0 Block (GPE0_BLK)
PM1A_EVT_BLK is 32-bit aligned and contains two 16-bit
registers, PM1A_STS and PM1A _EN.
PM1A_CNT_BLK is 32-bit aligned and contains one 16-
bit register, PM1A_CNT. PM1A_CNT contains the Fixed
Feature control bits used for various power management
enables and as communication flags between BIOS and
the ACPI OS.
P_BLK is 32-bit aligned (one register block per processor)
and contains two registers P_CNT and P_LVL2. P_LVL3
is currently not supported.
- P_CNT (Processor Control) - 16-bit register,
Controls process duty cycle via CPU clock throttling.
DUTY_WIDTH = 3 (can be widened)
DUTY_OFFSET = 0
- P_LVL2 (Enter C2 Power State) - 8-bit, read only
register. When read, causes the processor to enter
C2 power state.
CMD_BLK contains one 8-bit register SMI_CMD which
interprets and processes the ACPI commands (defined in
Fixed ACPI Description Table, refer to ACPI Specification,
Section 5.2.5).
TST/SETUP_BLK is provided by the VSA technology
code and contains two registers, SETUP_IDX and
SETUP_DATA for the purpose of configuring the CS5530.
Specifically, this pair of registers enables system software
to mapGPIO pinsonthe CS5530toPM1A_STSand
GPE0_STS register bits.
GPE0_BLK has registers used to enable system software
to configure GPIO (General Purpose I/O) pins to generate
SCI interrupts. GPE0_BLK is a 32-bit block aligned on a
4-byte
boundary.
It
contains
two
16-bit
registers,
GPE0_STS and GPE0_EN, each of which must be con-
figured by the BIOS POST. In order for a GPE0_STS bit to
generate an SCI, the corresponding enable bit in
GPE0_EN must be set.
Table 4-32 give the bit formats of the V-ACPI I/O registers.
Table 4-32. V-ACPI Registers
Bit
Description
ACPI_BASE 00h-03h
P_CNT — Processor Control Register (R/W)
Reset Value = 00000000h
31:5
Reserved: Always 0.
4
THT_EN: Enables throttling of the clock based on the CLK_VAL field.
3
Reserved: Always 0.
2:0
CLK_VAL: Clock throttling value: CPU duty cycle =
000 = Reserved
100 = 50%
001 = 12.5%
101 = 62.5%
010 = 25%
110 = 75%
011 = 37.5%
111 = 87.5%
ACPI_BASE 04h
P_LVL2 — Enter C2 Power State Register (RO)
Reset Value = 00h
Reading this 8-bit read only register causes the processor to enter the C2 power state. Reads of P_LVL2 return 0. Writes have no
effect.
ACPI_BASE 05h
Reserved
Reset Value = 00h
ACPI_BASE 06h
SMI_CMD — OS/BIOS Requests Register (R/W)
Reset Value = 00h
Interpret and process the ACPI commands (defined in Fixed ACPI Description Table, refer to ACPI Specification, Section 5.2.5):
0x01 - ACPI_ENABLE
0x02 - ACPI_DISABLE
0x03 - S4BIOS_REQ (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com