Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 231Page - National Semiconductor (TI) CS5530 Datasheet HTML 232Page - National Semiconductor (TI) CS5530 Datasheet HTML 233Page - National Semiconductor (TI) CS5530 Datasheet HTML 234Page - National Semiconductor (TI) CS5530 Datasheet HTML 235Page - National Semiconductor (TI) CS5530 Datasheet HTML 236Page - National Semiconductor (TI) CS5530 Datasheet HTML 237Page - National Semiconductor (TI) CS5530 Datasheet HTML 238Page - National Semiconductor (TI) CS5530 Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 241 page
background image
Revision 4.1
235
www.national.com
Electrical Specifications (Continued)
Figure 5-6. Display TFT/TV Outputs Delays
Table 5-15. Video Interface: Setup/Hold and Delay Times
Symbol
Parameter
Min
Typ
Max
Units
Comments
Setup/Hold Times
tDisplaySetup
Display setup to rising PCLK:
VSYNC, HSYNC, FP_DISP_ENA,
FP_VSYNC, FP_HSYNC, PIXEL[23:0]
3.0
ns
All setup/hold
times are
derived as
shown in
Figure 5-2.
tDisplayHold
Display hold from rising PCLK:
VSYNC, HSYNC, FP_DISP_ENA,
FP_VSYNC, FP_HSYNC, PIXEL[23:0]
0
tVID_VALSetup
VID_VAL setup to rising VID_CLK
3.75
ns
tVID_VALHold
VID_VAL hold from rising VID_CLK
0
ns
tVID_DATASetup
VID_DATA setup to rising VID_CLK
3.75
ns
Also applies to
PIXEL[23;16]
when in 16-bit
video mode.
tVID_DATAHold
VID_DATA hold from rising VID_CLK
0
ns
Delay Times
FPOUTMinDelay,
FPOUTMaxDelay
TFT/TV output delays from FP_CLK:
FP_DATA[17:0], FP_HSYNC_OUT,
FP_VSYNC_OUT,
FP_DISP_ENA_OUT, FP_ENA_VDD,
FP_ENA_BKL, FP_CLK_EVEN
0.1
5.2
ns
All flat panel
applications use
the falling edge
of FP_CLK to
latch their data.
VID_RDYMinDelayE,
VID_RDYMaxDelayE
VID_RDY delay from falling VID_CLK
(early mode)
3
10.5
ns
The mode for
VID_RDY (early
or normal) is set
with "Video Con-
figuration Regis-
ter"
VID_RDYMinDelayN,
VID_RDYMaxDelayN
VID_RDY delay from rising VID_CLK
(normal mode)
39.5
ns
FP_CLK
FPOUTMinDelay
FPOUTMaxDelay
TFT/TV Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com