Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 234 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 234 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 230Page - National Semiconductor (TI) CS5530 Datasheet HTML 231Page - National Semiconductor (TI) CS5530 Datasheet HTML 232Page - National Semiconductor (TI) CS5530 Datasheet HTML 233Page - National Semiconductor (TI) CS5530 Datasheet HTML 234Page - National Semiconductor (TI) CS5530 Datasheet HTML 235Page - National Semiconductor (TI) CS5530 Datasheet HTML 236Page - National Semiconductor (TI) CS5530 Datasheet HTML 237Page - National Semiconductor (TI) CS5530 Datasheet HTML 238Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 241 page
background image
www.national.com
234
Revision 4.1
Electrical Specifications (Continued)
5.7
VIDEO CHARACTERISTICS
The following tables and figures describe the DC/AC char-
acteristics of the CS5530 video interface. It is divided into
the following categories:
• Recommended Operating Conditions
• Miscellaneous Operating Characteristics
• Analog Output Rise/Settle Times
• Setup/Hold and Delay Times
Additionally, Figure 5-8 is provided showing a typical
video connection diagram.
Table 5-12. Video Interface: Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Comments
AVDD
Power Supply connected to
AVDD1, AVDD2 and AVDD3
3.0
3.3
3.6
V
RL
Output Load on each of the pins
IOUTR, IOUTG and IOUTB
37.5
Ohms
IOUT
Output Current on each of the
pins IOUTR, IOUTG and IOUTB
21
mA
RSET
Value of the full-scale adjust
resistor connected to IREF
732
Ohms
This resistor should have a
1% tolerance.
VEXTREF
External voltage reference con-
nected to the EXTVREFIN pin
1.235
V
IREF
Current flow through the resistor
connected to the IREF pin
2.2
mA
Table 5-13. Video Interface: Miscellaneous Operating Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Comments
White Level Relative to Black
16.74
17.62
18.50
mA
EXTVREFIN Leakage Current
2
µA
IAVDD
AVDD Supply Current
60
mA
Table 5-14. Video Interface: Analog Output Rise/Settle Times
Symbol
Parameter
Min
Typ
Max
Units
Comments
trise
Analog Output Rise Time
2
ns
Notes 1 and 2
tsettle
Analog Output Settling Time
4
ns
Notes 1 and 3
Notes: 1. Timing measurements are made with a 75 ohm doubly-terminated load, with VEXTREF = 1.235V and
RSET = 732 ohms.
2. 10% to 90% of full-scale transition.
3. Full-scale transition: time from output minimum to maximum, not including clock and data feedthrough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com