Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 230 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 230 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 226Page - National Semiconductor (TI) CS5530 Datasheet HTML 227Page - National Semiconductor (TI) CS5530 Datasheet HTML 228Page - National Semiconductor (TI) CS5530 Datasheet HTML 229Page - National Semiconductor (TI) CS5530 Datasheet HTML 230Page - National Semiconductor (TI) CS5530 Datasheet HTML 231Page - National Semiconductor (TI) CS5530 Datasheet HTML 232Page - National Semiconductor (TI) CS5530 Datasheet HTML 233Page - National Semiconductor (TI) CS5530 Datasheet HTML 234Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 241 page
background image
www.national.com
230
Revision 4.1
Electrical Specifications (Continued)
5.6
AC CHARACTERISTICS
The following tables list the AC characteristics including
output delays, input setup requirements, input hold
requirements and output float delays. The rising-clock-
edge reference level, VREF, and other reference levels are
shown in Table 5-7. Input or output signals must cross
these levels during testing.
Input setup and hold times are specified minimums that
define the smallest acceptable sampling window for which
a synchronous input signal must be stable for correct oper-
ation.
Note:
All AC tests are at VDD = 3.0V to 3.6V, TC =0
oCto
85oC, CL = 50 pF unless otherwise specified.
Figure 5-2. Drive Level and Measurement Points for Switching Characteristics
Table 5-7. Drive Level and Measurement Points
for Switching Characteristics
Symbol
Voltage (V)
VREF
1.5
VIHD
2.3
VILD
0.3
CLK
OUTPUTS
INPUTS
VIHD
VILD
VREF
Valid Input
Valid Output n+1
Valid Output n
VREF
VREF
VILD
VIHD
Min
Max
Legend: A = Maximum Output Delay Specification
B = Minimum Output Delay Specification
C = Minimum Input Setup Specification
D = Minimum Input Hold Specification
TX
B
A
CD
Table 5-8. AC Characteristics of Specification Compliant Interface Signals
Interface Signal Group
Specification Name
IDE Interface Signals
ATA-4 Specification
USB Interface Signals
USB Specification, Version 1.0
PCI Bus Interface Signals
PCI Bus Specification, Revision 2.1
ISA Bus Interface Signals
Abides industry standards
Note:
The interface signal groups listed in Table 5-8 adhere to the timing parameters given in the corresponding
specification. For details, refer to those specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com