Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 229 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 229 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 225Page - National Semiconductor (TI) CS5530 Datasheet HTML 226Page - National Semiconductor (TI) CS5530 Datasheet HTML 227Page - National Semiconductor (TI) CS5530 Datasheet HTML 228Page - National Semiconductor (TI) CS5530 Datasheet HTML 229Page - National Semiconductor (TI) CS5530 Datasheet HTML 230Page - National Semiconductor (TI) CS5530 Datasheet HTML 231Page - National Semiconductor (TI) CS5530 Datasheet HTML 232Page - National Semiconductor (TI) CS5530 Datasheet HTML 233Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 241 page
background image
Revision 4.1
229
www.national.com
Electrical Specifications (Continued)
Core
ICC_CORE
Active ICC: PCICLK @ 33MHz
180
250
mA
Note 2
ICCSM_CORE
SuspendModeICC
135
mA
Note 2
ICCSS_CORE
Standby ICC (Suspended and CLK
Stopped)
20
mA
fPCICLK =0 MHz,
Note 2
DAC
ICC_DAC
Active ICC
<0.3
60
mA
Min is ICC inactive,
Note 2
PLL
ICC_PLL
Active ICC
5mA
Note 2
Notes: 1. Pins with this buffer type are listed alphabetically in Table 2-3 "352 TBGA Pin Assignments - Sorted Alpha-
betically by Signal Name" on page 18.
2. Not 100% tested.
Table 5-6. DC Characteristics (at Recommended Operating Conditions) (Continued)
Symbol
Parameter
Min
Typ
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com