Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 224Page - National Semiconductor (TI) CS5530 Datasheet HTML 225Page - National Semiconductor (TI) CS5530 Datasheet HTML 226Page - National Semiconductor (TI) CS5530 Datasheet HTML 227Page - National Semiconductor (TI) CS5530 Datasheet HTML 228Page - National Semiconductor (TI) CS5530 Datasheet HTML 229Page - National Semiconductor (TI) CS5530 Datasheet HTML 230Page - National Semiconductor (TI) CS5530 Datasheet HTML 231Page - National Semiconductor (TI) CS5530 Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 241 page
background image
www.national.com
228
Revision 4.1
Electrical Specifications (Continued)
5.5
DC CHARACTERISTICS
Table 5-6. DC Characteristics (at Recommended Operating Conditions)
Symbol
Parameter
Min
Typ
Max
Units
Comments
VIL
Low Level Input Voltage
All inputs except PCI
–0.3
0.8
V
PCI
–0.5
0.3VCC
VIH
High Level Input Voltage
All inputs except 5V tolerant and
PCI
2.0
1.1VDD
V
5V tolerant
2.0
5.5
PCI
0.5VCC
VCC+0.5
VOL
Low Level Output Voltage
4mA
0.4
V
IOL =4 mA, Note 1
8mA
0.4
IOL =8 mA, Note 1
16 mA
0.4
IOL =16mA, Note 1
PCI
0.4
USB
0.3
RL =15 KΩ to VDD,
Note 1
VOH
High Level Output Voltage
4mA
2.4
V
IOH =–4mA, Note 1
8mA
2.4
IOH =–8mA, Note 1
16 mA
2.4
IOH =–16 mA, Note 1
PCI
VCC–0.5
USB
2.8
3.6
RL =15 KΩ to VDD,
Note 1
IIL
Low Level Input Leakage Current
All inputs except those with
internal PUs
–10
10
µA
VIN = VSS,
See Table 5-3
Inputs with internal PUs
–200
–10
IIH
High Level Input Leakage Current
–10
10
µA
VIN =VDD
VH
Schmitt (smt) Trigger Hysteresis
Voltage
0.5
V
Note 1
VDI
USB - Differential Input Sensitivity
0.2
V
|(D+)-(D-)|
VCM
USB - Differential Common Mode
Range
0.8
2.5
V
Includes VDI range
VSE
USB - Single Ended Receiver
Threshold
0.8
2.0
V
CIN
Input Capacitance
10
pF
f = 1 MHz
COUT
Output or I/O Capacitance
10
pF
f = 1 MHz
CCLK
CLK Input Capacitance
10
pF
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com