Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 221Page - National Semiconductor (TI) CS5530 Datasheet HTML 222Page - National Semiconductor (TI) CS5530 Datasheet HTML 223Page - National Semiconductor (TI) CS5530 Datasheet HTML 224Page - National Semiconductor (TI) CS5530 Datasheet HTML 225Page - National Semiconductor (TI) CS5530 Datasheet HTML 226Page - National Semiconductor (TI) CS5530 Datasheet HTML 227Page - National Semiconductor (TI) CS5530 Datasheet HTML 228Page - National Semiconductor (TI) CS5530 Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 241 page
background image
Revision 4.1
225
www.national.com
Electrical Specifications (Continued)
5.1.1
Nand Tree Mode
TheNAND treemodeisusedtotestinput andbidirec-
tional pins which will be part of the NAND tree chain. The
NAND tree chain starts on pin L24 (SUSP_3V) and the
output of the chain is on pin K24 (POR#). Table 5-2 gives
the pins of the NAND tree chain.
The NAND tree mode is started by pulling pins D3 (TEST)
and AD14 (IRQ7) from low to high. All inputs in Table 5-2
are initialized to a 1 and then toggled to a 0 at least 100 ns
apart. The output waveform on pin K24 (POR#) is a clock
(see Figure 5-1 on page 226).
Table 5-2. NAND Tree Test Mode Pins
Signal Name
Pin No.
SUSP_3V (NAND Input Start)
L24
SUSPA#
L25
PSERIAL
L26
CLK_14MHZ
P24
SMI#
P25
INTR
P26
IRQ13
R23
XIDE_DATA7
U23
XIDE_DATA6
U24
XIDE_DATA8
V24
XIDE_DATA10
V25
XIDE_DATA5
W26
XIDE_DATA9
Y25
XIDE_DATA11
Y24
XIDE_DATA4
AA26
XIDE_DATA12
AA25
XIDE_DATA3
AB26
XIDE_DATA1
AA24
XIDE_DATA13
AB25
XIDE_DATA2
AB24
XIDE_DATA0
AC26
XIDE_DATA14
AC25
XIDE_DATA15
AB23
IDE_DREQ1
AC24
IDE_DREQ0
AD26
IDE_IORDY0
AD25
IDE_IORDY1
AE26
SA14/SD14
AD24
SA15/SD15
AE25
GPIO0
AC22
GPIO1/SDATA_IN2
AE24
GPIO2
AF25
GPIO3
AF24
GPIO4/SA20
AD22
GPIO5/SA21
AC21
GPIO6/SA22
AE23
GPIO7/SA23
AF23
SA13/SD13
AE22
SA10/SD10
AC20
DRQ7
AF22
SA12/SD12
AE21
SA11/SD11
AF21
SA9/SD9
AD19
DRQ6
AE20
MEMW#
AF20
MEMR#
AE19
DRQ5
AD18
SA8/SD8
AF19
DRQ0
AE18
IRQ11
AF18
IRQ14
AC17
IRQ15
AD17
SBHE#
AE17
IRQ12
AF17
IRQ10
AE16
IOCS16#
AF16
MEMCS16#
AC15
IRQ4
AE15
TC
AF15
IRQ3
AC14
IRQ8#
AE14
IRQ6
AF14
DRQ3
AD13
IRQ5
AE13
IRQ1
AF13
DRQ1
AD12
IORX0
AE12
SA17
AF12
IOW#
AC11
SA16
AD11
SA18
AE11
IOCHRDY
AF11
SA19
AD10
DRQ2
AE10
ZEROWS#
AF10
SA2/SD2
AD9
SA0/SD0
AE9
SA4/SD4
AF6
SA1/SD1
AE6
SA6/SD6
AF5
SA3/SD3
AC6
IRQ9
AE5
SA5/SD5
AD5
SA7/SD7
AF4
CLK_32K
AE3
OVER_CUR#
W3
POWER_EN
V4
USBCLK
W1
BIT_CLK
V2
SDATA_IN
U4
DDC_SDA
M4
FP_DATA12/SA12
L1
FP_DATA0/SA0
K3
FP_DATA13/SA13
K2
Signal Name
Pin No.
FP_DATA14/SA14
K1
FP_DATA2/SA2
J3
FP_DATA1/SA1
J2
FP_DATA3/SA3
J1
FP_DATA15/SA15
H2
FP_DATA16/SA_OE#
H3
FP_DATA4//SA4
H1
FP_DATA8//SA8
G1
FP_DATA5/SA5
G2
FP_DATA7//SA7
G3
FP_DATA6/SA6
G4
FP_DATA9//SA9
F1
FP_DATA17/MASTER#
F3
FP_DATA10//SA10
E2
FP_DATA11/SA11
D1
FP_VSYNC
C1
FP_HSYNC
C2
ENA_DISP
B1
TVCLK
B2
PIXEL0
A1
PIXEL3
C4
PIXEL6
D5
PIXEL4
B3
PIXEL1
A2
PIXEL2
A3
PIXEL11
C5
PIXEL9
D6
PIXEL5
B4
PIXEL7
A4
HSYNC
C6
VSYNC
B5
PIXEL13
D7
PIXEL14
C7
PIXEL10
A5
PIXEL8
B6
VID_CLK
A6
PIXEL17
C8
VID_VAL
B7
PIXEL12
A7
PIXEL15
B8
PIXEL20
D9
PIXEL21
C9
PIXEL16
A8
PIXEL18
B9
PIXEL19
A9
PIXEL23
C10
VID_DATA4
D11
Signal Name
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com