Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 227 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 227 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 223Page - National Semiconductor (TI) CS5530 Datasheet HTML 224Page - National Semiconductor (TI) CS5530 Datasheet HTML 225Page - National Semiconductor (TI) CS5530 Datasheet HTML 226Page - National Semiconductor (TI) CS5530 Datasheet HTML 227Page - National Semiconductor (TI) CS5530 Datasheet HTML 228Page - National Semiconductor (TI) CS5530 Datasheet HTML 229Page - National Semiconductor (TI) CS5530 Datasheet HTML 230Page - National Semiconductor (TI) CS5530 Datasheet HTML 231Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 241 page
background image
Revision 4.1
227
www.national.com
Electrical Specifications (Continued)
5.2
ELECTRICAL CONNECTIONS
5.2.1
Pull-Up Resistors
Table 5-3 lists the pins that are internally connected to a 20-
kohm pull-up resistor. When unused, these inputs do not
require connection to an external pull-up resistor.
5.2.2
Unused Input Pins
All inputs not used by the system designer and not listed
in Table 5-3 should be kept at either VSS or VDD. To pre-
vent possible spurious operation, connect active-high
inputs to ground through a 20-kohm (±10%) pull-down
resistor and active-low inputs to VDD through a 20-kohm
(±10%) pull-up resistor.
5.2.3
NC-Designated Pins
Pins designated NC should be left disconnected. Con-
necting an NC pin to a pull-up resistor, pull-down resistor,
or an active signal could cause unexpected results and
possible circuit malfunctions.
5.2.4
Power/Ground Connections and Decoupling
Testing and operating the CS5530 requires the use of
standard high frequency techniques to reduce parasitic
effects. These effects can be minimized by filtering the DC
power leads with low-inductance decoupling capacitors,
using low-impedance wiring, and by using all of the VDD
and VSS pins.
5.3
ABSOLUTE MAXIMUM RATINGS
Table 5-4 lists absolute maximum ratings for the CS5530.
Stresses beyond the listed ratings may cause permanent
damage to the device. Exposure to conditions beyond
these limits may (1) reduce device reliability and (2) result
in premature failure even when there is no immediately
apparent sign of failure. Prolonged exposure to conditions
at or near the absolute maximum ratings may also result
in reduced useful life and reliability These are stress rat-
ings only and do not imply that operation under any condi-
tions other than those listed under Table 5-5 is possible.
5.4
RECOMMENDED OPERATING
CONDITIONS
Table 5-5 lists the recommended operating conditions for
the CS5530.
Table 5-3. Pins with Weak Internal Resistor
Signal
Name
Type
Ball No.
Internal
PU
IOR#
I/O
AE12
PU
IOW#
I/O
AC11
PU
MEMR#
I/O
AE19
PU
MEMW#
I/O
AF20
PU
SBHE#
I/O
AE17
PU
SA[19:0]/
SD[19:0]
I/O
AD10, AE11,
AF12, AD11,
AE25, AD24,
AD22, AE21,
AF21, AC20,
AD19, AF19,
AF4, AF5, AD5,
AF6, AC6,
AD9, AE6, AD9
PU
Table 5-4. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Operating Case Temperature
110
°C
Power Applied
Storage Temperature
–65
150
°C
No Bias
Supply Voltage
4.0
V
Voltage On Any Pin
–0.5
5.5
V
Input Clamp Current, IIK
–0.5
10
mA
Power Applied
Output Clamp Current, IOK
25
mA
Power Applied
Table 5-5. Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
Comments
TC
Operating Case Temperature
0
85
°C
VDD
Supply Voltage
3.0
3.6
V
Note:
For video interface specific parameters, refer to Table 5-15 "Video Interface: Setup/Hold and Delay Times" on
page 235.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com