Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 237 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 237 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 233Page - National Semiconductor (TI) CS5530 Datasheet HTML 234Page - National Semiconductor (TI) CS5530 Datasheet HTML 235Page - National Semiconductor (TI) CS5530 Datasheet HTML 236Page - National Semiconductor (TI) CS5530 Datasheet HTML 237Page - National Semiconductor (TI) CS5530 Datasheet HTML 238Page - National Semiconductor (TI) CS5530 Datasheet HTML 239Page - National Semiconductor (TI) CS5530 Datasheet HTML 240Page - National Semiconductor (TI) CS5530 Datasheet HTML 241Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 237 / 241 page
background image
Revision 4.1
237
www.national.com
Electrical Specifications (Continued)
Figure 5-8. Typical Video Connection Diagram
VDD
AVDD
IREF
EXTVREFIN
AVSS
IOUTG
IOUTR
AVSS
AVSS
IOUTB
AVSS
VDD
L4
L5
RSET
VEXTREF
One-point
ground
To RGB
L2
R1
R2
C4
C5
C7
C8
L3
R3
C6
Video Connector
Legend
Part Designator
Value
R1-R3
75 Ohms, 1%
RSET
732 Ohms, 1%
C1-C6
33 pF
C7
0.1 µF, Ceramic
C8
2.2 µF, Electrolytic
L1-L3 (Optional)
120 Ohm Ferrite Bead
L4-L5 (Optional)
600 Ohm Ferrite Bead
L1
C1
C2
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com