Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 240 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 240 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 233Page - National Semiconductor (TI) CS5530 Datasheet HTML 234Page - National Semiconductor (TI) CS5530 Datasheet HTML 235Page - National Semiconductor (TI) CS5530 Datasheet HTML 236Page - National Semiconductor (TI) CS5530 Datasheet HTML 237Page - National Semiconductor (TI) CS5530 Datasheet HTML 238Page - National Semiconductor (TI) CS5530 Datasheet HTML 239Page - National Semiconductor (TI) CS5530 Datasheet HTML 240Page - National Semiconductor (TI) CS5530 Datasheet HTML 241Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 240 / 241 page
background image
www.national.com
240
Revision 4.1
Appendix A
Support Documentation
A.1
REVISION HISTORY
This document is a report of the revision/creation process
of the data book for the Geode CS5530 I/O companion.
Any revisions (i.e., additions, deletions, parameter correc-
tions, etc.) are recorded in the tables below.
Revision #
(PDF Date)
Revisions / Comments
0.0
Creation Phase
0.1 (1/18/99)
First preliminary release to web while being circulated for engineering approval for a rev 1.0 release.
1.0 (3/24/99)
First release to web after engineering approval.
2.0 (4/6/99)
Major edit to current revision was updating the mechanical package.
3.0 (6/28/99)
Changed to National Semiconductor document format. Added changes from revisions 1.0, 2.0, and
3.0 of the data book addendum. Used “General Description” from newly created Product Overview
(references GXLV).
3.1(7/14/99)
Added minor changes for clarification purposes.
3.2 (8/27/99)
Added Geode™ technology verbiage and CS prefix. Also F3BAR+Memory Offset 10h and 12h
were documented incorrectly.
4.0 (2/2/00)
Many corrections to registers including reset values and notes changes. Added minor clarfications
and NAND Tree Test Mode.
4.1 (4/1/00)
Minor format changes. No technical changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com