Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 17Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 18Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 19Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
7.1.2. AN983B CONFIGURATION REGISTERS TABLE
Offset
b31
-----------
b16
b15
----------
b0
00h
Device ID*
Vendor ID*
04h
Status
Command
08h
Base Class
Code
Subclass
------
Revision #
Step #
0ch
------
------
Latency timer
Cache line size
10h
Base I/O address
14h
Base memory address
18h~
24h
Reserved
28h
ROM-im*
Address space offset*
Add-indi*
2ch
Subsystem ID*
Subsystem vendor ID*
30h
Boot ROM base address
34h
Reserved
Cap_Ptr
38h
Reserved
3ch
Max_Lat*
Min_Gnt*
Interrupt pin
Interrupt line
40h
Reserved
Driver Space
Reserved
80h
Signature of AN983B
c0h
PMC
Next_Item_Ptr
Cap_ID
c4h
Reserved
PMCSR
Note:
* Automatically recalled from EEPROM when PCI reset is deserted
CIS (28h) is a read-only register
DS (40h), bit15-8, is read/write able register
SIG (80h) is hard wired register, read only.
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com