Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 40Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 41Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 42Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 43Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 44Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 45Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 46Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 47Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
20~16
TBCNT
Transmit Burst Count
After this number of consecutive successful transmit,
transmit completed interrupt will be generated.
Continuously do this function if no reset.
0
R/W
11~0
TTO
Transmit Time-Out = (deferred time + back-off time).
When the TDIE (bit28 of ACSR7) is set, the timer is decreased
in unit of 2.56us(100M) or 25.6us(10M). If the timer expires
before another packet transmit begin, then the TDIE
interrupt will be generated.
0
R/W
CSR24 (offset = a0h) - FROM, Flash ROM (also the boot ROM) port
Bit #
Name
Descriptions
Default Val RW Type
31
Bra16_on This bit is only effective while 4 LED mode selected (bit 23 of
CSR18 is set).
When 4 LED mode selected, and this bit is set, then pin 105
is defined as brA16, else it is defined as LED pin – fd/col.
1
R/W
30~28
---
Reserved
27
REN
Read enable, clear if read data is ready in DATA, bit7-0 of
FROM.
0
R/W
26
WEN
Write enable, cleared if write completed
0
R/W
25~8
ADDR
Flash ROM address
0
R/W
7~0
DATA
Read/Write data of flash ROM
0
R/W
CSR25 (offset = a4h) - PAR0, physical address register 0
Automatically recall from EEPROM
Bit #
Name
Descriptions
Default Val RW Type
31~24
PAB3
Physical address byte 3
From
EEPROM
R/W
23~16
PAB2
Physical address byte 2
From
EEPROM
R/W
15~8
PAB1
Physical address byte 1
From
EEPROM
R/W
7~0
PAB0
Physical address byte 0
From
EEPROM
R/W
CSR26 (offset = a8h) - PAR1, physical address register 1
Automatically recall from EEPROM
Bit #
Name
Descriptions
Default Val RW Type
31~24
---
Reserved
23~16
---
Reserved
15~8
PAB5
Physical address byte 5
From
EEPROM
R/W
7~0
PAB4
Physical address byte 4
From
EEPROM
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com