Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 27Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
timer expires and the AN983B still asserted FRAME#, then the
AN983B will terminate the data transaction as soon as its
GNT# is removed.
7 ~ 0
CLS
Cache Line Size. This value specifies the system cache line
size in units of 32-bit double words (DW). The AN983B
supports 8, 16, and 32 DW of cache line size. This value is
used by the AN983B driver to program the cache alignment
bits (bit 14 and 15 of CSR0). The cache alignment bits are
used for cache oriented PCI commands; say
memory-read-line, memory-read-multiple, and
memory-write-and-invalidate.
0
R/W
CR4 (offset = 10h), IOBA - I/O Base Address
Bit #
Name
Descriptions
Default Val RW Type
31~ 8
IOBA
I/O Base Address. This value indicate the base address of PCI
control and status register (CSR0~28)
0
R/W
7 ~ 1
---
Reserved.
0
IOSI
I/O Space Indicator.
1: means that the configuration registers map into the I/O
space.
1
RO
CR5 (offset = 14h), MBA - Memory Base Address
Bit #
Name
Descriptions
Default Val RW Type
31~ 10
MBA
Memory Base Address. This value indicate the base address
of PCI control and status register (CSR0~28)
0
R/W
9 ~ 1
---
Reserved.
0
IOSI
Memory Space Indicator.
1: means that the configuration registers map into the I/O
space.
0
RO
CR11 (offset = 2ch), SID - Subsystem ID.
Bit #
Name
Descriptions
Default Val RW Type
31~16
SID
Subsystem ID. This value is loaded from EEPROM after power
on or hardware reset.
From
EEPROM
RO
15~ 0
SVID
Subsystem Vendor ID. This value is loaded from EEPROM after
power on or hardware reset.
From
EEPROM
RO
CR12 (offset = 30h), BRBA - Boot ROM Base Address.
Bit #
Name
Descriptions
Default Val RW Type
31~17
BRBA
Boot ROM Base Address. This value indicates the address
mapping of boot ROM field. Besides, it also defines the boot
ROM size. The value of bit 17~10 is set to 0 for AN983B
supports up to 256KB of boot ROM.
X: b31~18
0: b17~10
R/W
RO
16 ~ 1
---
Reserved
0
RO R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com