Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 29Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 30Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 31Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 32Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 33Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 34Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 35Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 36Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
31~22
---
Reserved
21
SF
Store and forward for transmit
0: disable
1: enable, ignore the transmit threshold setting
0
R/W*
20
---
Reserved
19
SQE
SQE Disable
0: enable SQE function for 10BASE-T operation. The
AN983B provides SQE test function for 10BASE-T half
duplex operation.
1: disable SQE function.
1
R/W*
18~16
-----
Reserved
15~14
TR
Transmit threshold control
00:
128-byte (100Mbps),
72-byte (10Mbps)
01:
256-byte (100Mbps),
96-byte (10Mbps)
10:
512-byte (100Mbps),
128-byte (10Mbps)
00:
1024-byte (100Mbps),
160-byte (10Mbps)
00
R/W*
13
ST
Stop transmit
0: stop (default)
1: start
0
R/W
12
FC
Force collision mode
0: disable
1: generate collision when transmit (for test in
loop-back mode)
0
R/W**
11, 10
OM
Operating Mode
00: normal
01: MAC loop-back
10,11: reserved
00
R/W**
9, 8
---
Reserved
7
MM
Multicast Mode
1: receive all multicast packets
0
R/W***
6
PR
Promiscuous Mode
1: receive any good packet.
0: receive only the right destination address packets
1
R/W***
5
SBC
Stop Back-off Counter
1: back-off counter stop when carrier is active, and
resume when carrier drop.
0: back-off counter is not effected by carrier
0
R/W**
4
---
Reserved
3
PB
Pass Bad packet
1: receives any packets, if pass address filter,
including runt packets, CRC error, truncated packets...
For receiving all bad packets, the bit 6 of CSR6 should
be set to 1.
0
R/W***
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com