Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 27Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 28Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 29Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
CR48 (offset = c0h), PMR0, Power Management Register0.
Bit #
Name
Descriptions
Default Val RW Type
31~27
PMES
PME_Support.
The AN983B will assert PME# signal while in the D0, D1, D2,
D3 power state. The AN983B supports Wake-up from the
above states.
11111b
RO
26
D2S
D2_Support. The AN983B supports D2 Power Management
State.
1
RO
25
D1S
D1_Support. The AN983B supports D1 Power Management
State.
1
RO
24~22
AUXC
Aux Current. These three bits report the maximum 3.3 Vaux
current requirements for AN983B. If bit 31 of PMR0 is ‘1’, the
default value is 0101b, means AN983B need 100 mA to
support remote wake-up in D3cold power state.
010b
RO
21
DSI
The Device Specific Initialization bit indicates whether
special initialization of this function is required before the
generic class device driver is able to use it.
0: indicates that the function does not require a device
specific initialization sequence following transition to the D0
un-initialized state.
0
RO
20
---
Reserved.
0
RO
19
PMEC
PME Clock. When “1” indicates that the AN983B relies on the
presence of the PCI clock for PME# operation. While “0”
indicates the no PCI clock is required for the AN983B to
generate PME#.
0
RO
18~16
VER
Version. The value of 010b indicates that the AN983B
complies with Revision 1.1 of the PCI Power Management
Interface Specification.
010b
RO
15~8
NIP
Next Item Pointer. This value is always 0h, indicates that
there is no additional items in the Capabilities List.
00h
RO
7~0
CAPID
Capability Identifier. This value is always 01h, indicates the
link list item as being PCI Power Management Registers.
01h
RO
CR49 (offset = c4h), PMR1, Power Management Register 1.
Bit #
Name
Descriptions
Default Val RW Type
31~16
---
Reserved
15
PMES
PME_Status, This bit is set when the AN983B would normally
assert the PME# signal for wake-up event, this bit is
independent of the state of the PME-En bit.
Writing a “1” to this bit will clear it and cause the AN983B to
stop asserting a PME# (if enabled). Writing a “0” has no
effect.
0
R/W*
14,13
DSCAL
Data_Scale, indicates the scaling factor to be used when
00b
RO
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com