Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 49Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 50Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 51Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 52Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 53Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 54Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 55Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 56Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
9
FS
First descriptor.
8
LS
Last descriptor.
7
TL
Too long packet (packet length > 1518 bytes). This bit is valid only in last descriptor
6
CS
Late collision. Set when collision is active after 64 bytes. This bit is valid only in last
descriptor
5
FT
Frame type. This bit is valid only in last descriptor.
1: Ethernet type
0: 802.3 type
4
RW
Receive watchdog (refer to CSR15, bit 4). This bit is valid only in last descriptor.
3
Reserved Default = 0
2
DB
Dribble bit. This bit is valid only in last descriptorEC
Packet length is not integer multiple of 8-bit.
1
CE
CRC error. This bit is valid only in last descriptor
0
OF
Overflow. This bit is valid only in last descriptor
RDES1
Bit #
Name
Descriptions
31~26
---
Reserved
25
RER
Receive end of ring
Indicates this descriptor is last, return to base address of descriptor
24
RCH
Second address chain
Use for chain structure. Indicates the buffer2 address is the next descriptor address.
Ring mode takes precedence over chained mode
23~22
---
Reserved
21~11
RBS2
Buffer 2 size (DW boundary)
10~ 0
RBS1
Buffer 1 size (DW boundary)
RDES2
Bit #
Name
Descriptions
31~0
RBA1
Receive Buffer Address 1. This buffer address should be double word aligned.
RDES3
Bit #
Name
Descriptions
31~0
RBA2
Receive Buffer Address 2. This buffer address should be double word aligned.
7.4.2. TRANSMIT DESCRIPTOR
7.4.2.1. Transmit Descriptor Table
31
0
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com