Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 77Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 78Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 79Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 80Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 81Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 82Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 83Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 84Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
CLK
1.5Vcc
Vth=2.4Vcc
Vtl=0.4Vcc
Tval (max=11ns)
OUTPUT Delay
Tri-state OUTPUT
Ton
Toff
Tsu
Th
INPUT
1.5V
1.5V
Fig -
17
PCI Timings
Flash Interface Timings
Parameter
Description
Condition
Min
Typical
Max
Units
Trc
Read cycle time
90
ns
Tce
Chip enable access time
90
ns
Taa
Address access time
90
ns
Toe
Output enable access time
45
ns
Tclz
#CE low to active output
0
ns
Tolz
#OE low to active output
0
ns
Tchz
#CE high to active output
45
ns
Tohz
#OE high to active output
45
ns
Toh
Output hold from address change
0
ns
Twc
Write cycle time
10
ms
Tas
Address setup time
0
ns
Tah
Address hold time
50
ns
Tcs
#WE and #CE setup time
0
ns
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com