Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 27Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 28Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
R/W
0
BRE
Boot ROM Enable. The AN983B really enables its boot ROM
access only if both the memory space access bit (bit 1 of
CR1) and this bit are set to 1.
1: enable Boot ROM. (Combines with bit 1 of CR1)
0
R/W
This register should be initialized before accessing the boot ROM space. (Write 32’hffffffff return 32’h
fffe0001)
CR13 (offset = 34h), CP - Capabilities Pointer.
Bit #
Name
Descriptions
Default Val RW Type
31~8
---
Reserved
7~0
CP
Capabilities Pointer.
C0h
RO
CR15 (offset = 3ch), CI - Configuration Interrupt
Bit #
Name
Descriptions
Default Val RW Type
31~24
ML
Max_Lat register. This value indicates “how often” the
AN983B needs to access to the PCI bus in the units of 250ns.
This value is loaded from serial EEPROM after power on or
hardware reset.
From
EEPROM
RO
23~16
MG
Min_Gnt register. This value indicates how long the AN983B
needs to retain the PCI bus ownership whenever it initiates a
transaction, in the units of 250ns. This value is loaded from
serial EEPROM after power on or hardware reset.
From
EEPROM
RO
15~ 8
IP
Interrupt Pin. This value indicates which of the four interrupt
request pins that AN983B is connected.
Always 01h: means the AN983B connects to INTA#
01h
RO
7 ~ 0
IL
Interrupt Line. This value indicates which of the system
interrupt request lines the INTA# of AN983B is routed to. The
BIOS will fill this field when it initializes and configures the
system. The AN983B driver can use this value to determine
priority and vector information.
X
R/W
CR16 (offset = 40h), DS - Driver Space for special purpose.
Bit #
Name
Descriptions
Default Val RW Type
31~16
---
Reserved
15~8
DS
Driver Space for special purpose. Since this area won’t be
cleared in the software reset. The AN983B driver can use this
R/W area for special purpose.
X
R/W
7 ~ 0
---
Reserved
(offset = 80h), SIG - Signature of AN983B
Bit #
Name
Descriptions
Default Val RW Type
31~16
DID
Device ID, the device ID number of AN983B.
0981h
RO
15~0
VID
Vendor ID, the vendor ID number of ADM Technology Corp.
1317h
RO
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com