Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 64Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 65Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 66Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 67Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 68Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 69Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 70Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 71Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
cabling. So a reliable adaptive equalizer and baseline wander to compensate all the
amplitude attenuation and phase shifting are necessary. In the transceiver, it
provides the robust circuits to perform these functions.
MLT3 to NRZI Decoder and PLL for Data Recovery
After receiving the proper MLT3 signals, the transceiver converts the MLT3 to NRZI
code for further processing. After adaptive equalizer, baseline wander, and MLT3 to
NRZI decoder, the compensated signals with NRZI type in 125MHz are passed to the
Phase Lock Loop circuits to extract out the original data and the synchronous clock.
Data Conversions of NRZI to NRZ and Serial to Parallel
After data recovered, the signals will be passed to the NRZI to NRZ converter to
generate the 125MHz serial bit stream. This serial bit stream will be packed to
parallel 5B type for further processing.
De-scrambling and Decoding of 5B/4B
The parallel 5B type data is passed to de-scrambler and 5B/4B decoder to return their
original MII nibble type data.
Carrier sensing
Carrier Sense (CRS) signal is asserted when the transceiver detects any 2
non-contiguous zeros within any 10bit boundary of the receiving bit stream. CRS is
de-asserted when ESD code-group or Idle code-group is detected. In half duplex mode,
CRS is asserted during packet transmission or receive. But in full duplex mode, CRS is
asserted only during packet reception.
10BASE-T Transmission Operation
It includes the parallel to serial converter, Manchester Encoder, Link test function, Jabber
function and the transmit wave-shaper and line driver described in the section of
“Wave-Shaper and Media Signal Driver” of “100BASE-T Transmission Operation”.
It also
provides Collision detection and SQE test for half duplex application.
10BASE-T Receive Operation
It includes the carrier sense function, receiving filter, PLL for clock and data recovering,
Manchester decoder, and serial to parallel converter.
Loop-back Operation of transceiver
The transceiver provides internal loop-back (also called transceiver loop-back) operation for
both the 100BASE-TX and 10BASE-T operations. Setting bit 14 of PHY register 0 to 1 can
enable the loop-back operation.
In this loop-back operation, PHY will not transmit packets
(but PHY will still send MLT3 for Idle).
In the 100BASE-TX internal loop-back operation, the data comes from the transmit output of
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com