Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 27Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 28Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 29Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 30Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 31Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
7.2. PCI CONTROL/STATUS REGISTERS
7.2.1.
PCI CONTROL/STATUS REGISTERS LIST
Offset from
base address of
CSR
Index
Name
Descriptions
00h
CSR0
PAR
PCI access register
08h
CSR1
TDR
Transmit demand register
10h
CSR2
RDR
Receive demand register
18h
CSR3
RDB
Receive descriptor base address
20h
CSR4
TDB
Transmit descriptor base address
28h
CSR5
SR
Status register
30h
CSR6
NAR
Network access register
38h
CSR7
IER
Interrupt enable register
40h
CSR8
LPC
Lost packet counter
48h
CSR9
SPR
Serial port register
50h
CSR10
---
Reserved
58h
CSR11
TMR
Timer
60h
CSR12
---
Reserved
68h
CSR13
---
Reserved
70h
CSR14
---
Reserved
78h
CSR15
WTMR
Watchdog timer
80h
CSR16
ACSR5
Status register 2
84h
CSR17
ACSR7
Interrupt enable register 2
88h
CSR18
CR
Command register
8ch
CSR19
PCIC
PCI bus performance counter
90h
CSR20
PMCSR
Power Management Command and Status
94h
CSR21
WTDP
Current transmit descriptor point
98h
CSR22
WRDP
Current receive descriptor point
9ch
CSR23
TXBR
Transmit burst counter/time-out register
a0h
CSR24
FROM
Flash (boot) ROM port
a4h
CSR25
PAR0
Physical address register 0
a8h
CSR26
PAR1
Physical address register 1
ach
CSR27
MAR0
Multicast address hash table register 0
b0h
CSR28
MAR1
Multicast address hash table register 1
fch
OPR
Operation Mode register
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com