Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 32Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 33Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 34Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 35Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 36Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 37Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 38Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 39Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
15
---
Reserved
14
SRC
Serial EEPROM Read Control
Set together with CSR9 bit11 to enable read operation
from EEPROM
0
13
SWC
Serial EEPROM Write Control
Set together with CSR9 bit11 to enable write operation
to EEPROM
0
R/W
12
---
Reserved
11
Serial EEPROM Select
Set together with CSR9 bit14 or 13 to enable EEPROM
access
0
R/W
10~4
---
3
SDO
Serial EEPROM data out
This bit serially shifts data from the EEPROM to the
AN983B.
RO
2
SDI
Serial EEPROM data in
This bit serially shifts data from the AN983B to the
EEPROM.
1
1
SCLK
Serial EEPROM clock
High/Low this bit to provide the clock signal for
EEPROM.
1
R/W
R/W
SRS
Reserved
1
R/W
0
SCS
Serial EEPROM chip select
1: selects the serial EEPROM chip.
0
R/W
CSR11 (offset = 58h), TMR -General-purpose Timer
Bit #
Name
Descriptions
Default Val RW Type
31~17
---
Reserved
16
COM
Continuous Operation Mode
1: sets the general-purpose timer in continuous
operating mode.
0
R/W
15~0
GTV
General-purpose Timer Value
0
R/W
Sets the counter value. This is a countdown counter
with the cycle time of 204us.
CSR13 (offset = 68h), WCSR –Wake-up Control/Status Register
Bit #
Name
Descriptions
Default Val RW Type
31
---
Reserved
30
CRCT
CRC-16 Type
0: Initial contents = 0000h
1: Initial contents = FFFFh
0
R/W
29
WP1E
Wake-up Pattern One Matched Enable.
0
R/W
28
WP2E
Wake-up Pattern Two Matched Enable.
0
R/W
27
WP3E
Wake-up Pattern Three Matched Enable.
0
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com