Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 7Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 9Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 10Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 11Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 12Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 13Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 14Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
3. FEATURES
INDUSTRY STANDARD
IEEE802.3u 100BASE-TX and IEEE802.3 10BASE-T compliant
Support for IEEE802.3x flow control
IEEE802.3u Auto-Negotiation support for 10BASE-T and 100BASE-TX
PCI Specification 2.2 compliant
ACPI and PCI power management Ver.1.1 compliant
Support PC99 wake on LAN
FIFO
Provides two independent long FIFOs with 2k bytes each for transmission and receiving
Pre-fetch up to two transmit packets to minimize inter frame gap (IFG) to 0.96us
Retransmits collided packet without reload from host memory within 64 bytes.
Automatically retransmits FIFO under-run packet with maximum drain threshold until 3
times retry failure and that will not influence the registers and transmit threshold of next
packet
PCI I/F
Provides 32-bit PCI bus master data transfer
Supports PCI clock with frequency from 0Hz to 33MHz
Supports network operation with PCI system clock from 20MHz to 33MHz
Provides performance meter, PCI bus master latency timer, for tuning the threshold to
enhance the performance
Provides burst transmit packet interrupt and transmit/receive early interrupt to reduce
host CPU utilization
Supports memory-read, memory-read-line, memory-read-multiple, memory-write,
memory-write-and-invalidate command while being bus master
Supports big or little endian byte ordering
EEPROM/BOOT ROM I/F
Provides write-able Flash ROM and EPROM as boot ROM with size up to 128kB
Provides PCI to access boot ROM by byte, word, or double word
Re-writes Flash boot ROM through I/O port by programming register
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com