Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 5Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 6Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 7Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 9Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 10Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 11Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 12Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
1. GENERAL DESCRIPTIONS
The AN983B is a high performance PCI Fast Ethernet controller with integrated physical layer
interface for 10BASE-T and 100BASE-TX application.
The AN983B was designed with advanced CMOS technology to provide glueless 32-bit bus
master interface for PCI, boot ROM interface, CSMA/CD protocol for Fast Ethernet, as well as
the physical media interface for 100BASE-TX of IEEE802.3u and 10BASE-T of IEEE802.3. The
auto-negotiation function is also supported for speed and duplex detection.
The AN983B can be programmed as MAC-only controller.
In this mode, it provides the
standard MII interface to link to an external PHY.
With this mode, it can be connected to the
HomePNA PHY to support the HomePNA networking solution or Homeplug Phy(Power-line
solution) to support Homeplug networking solution..
The AN983B provides both half-duplex and full-duplex operation, as well as support for
full-duplex flow control.
It provides long FIFO buffers for transmission and receiving, and early interrupt mechanism to
enhance performance.
The AN983B also supports ACPI and PCI compliant power management function and Magic
Packet wake-up event.
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com