Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 83Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 84Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 85Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 86Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 87Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 88Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 89Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 90Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 91Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
6). Keep the distance between the Tx and Rx differential pairs large, even separate ground
planes underneath Tx and Rx signal pairs.
7). Away from clock and power trace.
8). If possible, with GND plane around.
9). If Tx rout trace must cross, you can swap the trace between chip and transformer, and
transformer to RJ45, too.
10).The high frequency signal trace width 10~12mil.
11).PCI clk signal trace length must equal 2.5inch and other PCI bus signal trace length should
less then 1.5 inch
Digital signal should away from analog signal and power trace. If can’t
be avoided, better be cross over by 90 degree with analog/Vcc routing at
other plane.
Vcc trace should short and prefer route in the format of the plane a
special for GND.
Connect Pin 8 and pin 14 together first then use signal via to Gnd.
Bad
Good
12.3 VCC AND GND
Vcc power:
1). Avoid unnecessary Vcc trace to IC’s and devices keep these trace as short and wide.
2). Power trace width > 40 mils (if power trace route to the other side .It must use several via
to connect each other).
3). Power source use bulk capacitors (22~47uf) to reduce noise.
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com