Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 30Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 31Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 32Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 33Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 34Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 35Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 36Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 37Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
0: filters all bad packets
2
---
Reserved
1
SR
Start/Stop Receive
0: receive processor will enter stop state after the
current reception frame completed. This value is
effective only when the receive processor is in the
running or suspending state. Notice: In “Stop
Receive” state, the PAUSE packet and Remote Wake
Up packet won’t be affected and can be received if
the corresponding function is enabled.
1: receive processor will enter running state.
0
R/W
0
---
Reserved
W* = only write when the transmit processor stopped.
W** = only write when the transmit and receive processor both stopped.
W*** = only write when the receive processor stopped.
CSR7 (offset = 38h), IER - Interrupt Enable Register
Bit #
Name
Descriptions (Refer to CSR5)
Default Val RW Type
31~17
---
Reserved
16
NIE
Normal Interrupt Enable
1: enable all the normal interrupt bits (see bit16 of CSR5)
0
R/W
15
AIE
Abnormal Interrupt Enable
1: enable all the abnormal interrupt bits (see bit 15 of
CSR5)
0
R/W
14
---
Reserved
13
FBEIE
Fatal Bus Error Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable fatal
bus error interrupt
0
R/W
12
11
GPTIE
General Purpose Timer Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable
general-purpose timer expired interrupt.
0
R/W
10
9
RWTIE
Receive Watchdog Time-out Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable
receive watchdog time-out interrupt.
0
R/W
8
RSIE
Receive Stopped Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable
receive stopped interrupt.
0
R/W
7
RUIE
Receive Descriptor Unavailable Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable
receive descriptor unavailable interrupt.
0
R/W
6
RCIE
Receive Completed Interrupt Enable
0
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com