Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 33Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 34Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 35Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 36Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 37Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 38Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 39Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 40Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
26
WP4E
Wake-up Pattern Four Matched Enable.
0
R/W
25
WP5E
Wake-up Pattern Five Matched Enable.
0
R/W
24-18
---
Reserved
17
LinkOFF
Link Off Detect Enable. The AN983B will set the LSC bit of
CSR13 after it has detected that link status is from ON to
OFF.
0
R/W
16
LinkON
Link On Detect Enable. The AN983B will set the LSC bit of
CSR13 after it has detected that link status is from OFF to
ON.
0
R/W
15-11
---
Reserved
00001
10
WFRE
Wake-up Frame Received Enable. The AN983B will include
the “Wake-up Frame Received” event into wake-up events.
If this bit is set, AN983B will assert PMES bit of PMR1 after
AN983B has received a matched wake-up frame.
0
R/W
9
MPRE
Magic Packet Received Enable. The AN983B will include the
“Magic Packet Received” event into wake-up events. If this
bit is set, AN983B will assert PMES bit of PMR1 after AN983B
has received a Magic packet.
0
R/W
8
LSCE
Link Status Changed Enable. The AN983B will include the
“Link Status Changed” event into wake-up events. If this
bit is set, AN983B will assert PMES bit of PMR1 after AN983B
has detected a link status changed event.
0
R/W
7-3
---
Reserved
2
WFR
Wake-up Frame Received,
1: Indicates AN983B has received a wake-up frame. It is
cleared by write 1 or upon power-up reset. It is not
affected by a hardware or software reset.
X
R/W1C*
1
MPR
Magic Packet Received,
1: Indicates AN983B has received a magic packet. It is
cleared by write 1 or upon power-up reset. It is not
affected by a hardware or software reset.
X
R/W1C*
0
LSC
Link Status Changed,
1: Indicates AN983B has detected a link status change event.
It is cleared by write 1 or upon power-up reset. It is not
affected by a hardware or software reset.
X
R/W1C*
R/W1C*, Read only and Write one cleared.
CSR14 (offset = 70h), WPDR –Wake-up Pattern Data Register
All six wake-up patterns filtering information are programmed through WPDR register. The filtering
information is as follows,
Offset
31
16
15
8
7
0
0000h
Wake-up pattern 1 mask bits 31:0
0004h
Wake-up pattern 1 mask bits 63:32
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com